Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UA78L02ACLP Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # UA78L02ACLP
Description  UA78L Series Positive-Voltage Linear Regulators
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UA78L02ACLP Datasheet(HTML) 21 Page - Texas Instruments

Back Button UA78L02ACLP Datasheet HTML 17Page - Texas Instruments UA78L02ACLP Datasheet HTML 18Page - Texas Instruments UA78L02ACLP Datasheet HTML 19Page - Texas Instruments UA78L02ACLP Datasheet HTML 20Page - Texas Instruments UA78L02ACLP Datasheet HTML 21Page - Texas Instruments UA78L02ACLP Datasheet HTML 22Page - Texas Instruments UA78L02ACLP Datasheet HTML 23Page - Texas Instruments UA78L02ACLP Datasheet HTML 24Page - Texas Instruments UA78L02ACLP Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
8 Applications and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The UA78L series is designed for use as a linear regulator with only a few external components needed. The
UA78L can also be used to clean power-supply noise by attenuating ripple on the input signal.
8.2 Typical Application
The UA78L series is typically used as a fixed-output linear regulator, sourcing current up to 100 mA into a load.
UA78L00
INPUT
OUTPUT
COMMON
0.33 μF
0.1 μF
GND
V
I
V
O
Figure 8-1. Fixed-Output Regulator
8.2.1 Design Requirements
The COMMON pin must be tied to ground to set the OUTPUT pin to the desired fixed output voltage.
Although not required, a 0.33-µF bypass capacitor is recommended on the input, and a 0.1-µF bypass capacitor
is recommend on the output.
8.2.2 Detailed Design Procedure
8.2.2.1 Input and Output Capacitor Requirements
Although both input and output capacitor are not required for stability, good analog design practice is to
connect a capacitor from IN to COMMON and from OUT to COMMON. The input capacitor counteracts reactive
input sources and improves transient response, input ripple, and PSRR. Use an input capacitor if the source
impedance is more than 0.5 Ω. A higher value capacitor can be necessary if large, fast rise-time load or line
transients are anticipated or if the device is located several inches from the input power source.
Dynamic performance of the device is improved with the use of a large output capacitor. Use an output capacitor
within the range specified in the Recommended Operating Conditions table for stability.
8.2.2.2 Power Dissipation (PD)
Circuit reliability requires consideration of the device power dissipation, location of the circuit on the printed
circuit board (PCB), and correct sizing of the thermal plane. The PCB area around the regulator must have few
or no other heat-generating devices that cause added thermal stress.
To first-order approximation, power dissipation in the regulator depends on the input-to-output voltage difference
and load conditions. The following equation calculates power dissipation (PD).
PD = (VI – VO) × IO
(1)
www.ti.com
UA78L
SLVS010W – JANUARY 1976 – REVISED APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: UA78L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com