Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C105H Datasheet(PDF) 13 Page - Pericom Semiconductor Corporation

Part # PI6C105H
Description  Precision Clock Synthesizer for Mobile PCs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C105H Datasheet(HTML) 13 Page - Pericom Semiconductor Corporation

Back Button PI6C105H Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C105H Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C105H Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C105H Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6C105H Datasheet HTML 11Page - Pericom Semiconductor Corporation PI6C105H Datasheet HTML 12Page - Pericom Semiconductor Corporation PI6C105H Datasheet HTML 13Page - Pericom Semiconductor Corporation PI6C105H Datasheet HTML 14Page - Pericom Semiconductor Corporation PI6C105H Datasheet HTML 15Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
260
PS8316
03/15/99
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6C105
Precision Clock Synthesizer for Mobile PCs
CPUCLK
PCICLK
REF
Rs
Rs
Rs
2
6
CL
CL
CL
21$+#
1 Device load
Meets PCI2.1 Req.
1 Device load
k
c
o
l
Cd
a
o
L
.
n
i
Md
a
o
L
.
x
a
Ms
ti
n
Us
e
t
o
N
)
K
L
C
H
(
s
k
c
o
l
C
U
P
C0
10
2
F
p
s
d
a
o
l
2
el
b
i
s
s
o
p
,
d
a
o
l
e
ci
v
e
d
1
)
K
L
C
P
(
s
k
c
o
l
C
I
C
P0
30
3st
n
e
m
e
ri
u
q
e
r
1
.
2
I
C
P
st
e
e
M
z
H
M
8
4
,
F
E
R0
10
2d
a
o
l
e
ci
v
e
d
1
Minimum and Maximum Expected Capacitive Loads
Notes:
1. Maximum rise/fall times are guaranteed at maximum specified load for each type of output buffer.
2. Minimum rise/fall times are guaranteed at minimum specified load for each type of output buffer.
3. Rise/fall times are specified with pure capacitive load as shown. Testing is done with an
additional 500Ω resistor in parallel.
Design Guidelines to Reduce EMI
1. Place series resistors and CI capacitors as close as possible to the respective clock pins. Typical value
for CI is 10pF. RS Series resistor value can be increased to reduce EMI provided that the rise and fall time
are still within the specified values.
2. Minimize the number of “vias” of the clock traces.
3. Route clock traces over a continuous ground plane or over a continuous power plane. Avoid routing clock
traces from plane to plane (refer to rule #2).
4. Position clock signals away from signals that go to any cables or any external connectors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com