Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C105H Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI6C105H
Description  Precision Clock Synthesizer for Mobile PCs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C105H Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI6C105H Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C105H Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C105H Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C105H Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C105H Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C105H Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C105H Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C105H Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C105H Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
249
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PS8316
03/15/99
PI6C105
Precision Clock Synthesizer for Mobile PCs
Pin Description
n
i
Pe
m
a
N
l
a
n
g
i
S.
y
t
Qn
o
it
p
i
r
c
s
e
D
1N
I
_
L
A
T
X1
t
u
p
n
i
l
a
t
s
y
r
c
z
H
M
8
1
3
.
4
1
2T
U
O
_
L
A
T
X1
t
u
p
n
i
l
a
t
s
y
r
c
z
H
M
8
1
3
.
4
1
3V
I
C
P
S
S
1st
u
p
t
u
o
k
c
o
l
c
I
C
P
r
o
f
d
n
u
o
r
G
4F
_
K
L
C
I
C
P1
t
u
p
t
u
o
k
c
o
l
c
I
C
P
g
n
i
n
n
u
r
e
e
r
F
0
1
,
8
,
7
,
6
,
5]
5
:
1
[
K
L
C
I
C
P5
V
3
.
3
el
b
it
a
p
m
o
c
L
T
T
,s
t
u
p
t
u
o
k
c
o
l
c
I
C
P
9V
I
C
P
D
D
1)
0
1
,
8
,
7
,
6
,
5
,
4
(
st
u
p
t
u
o
k
c
o
l
c
I
C
P
ll
a
r
o
f
r
e
w
o
P
1
1V
2
P
D
D
1st
u
p
t
u
o
z
H
M
8
4
d
n
a
z
H
M
4
2
r
o
f
y
l
p
p
u
S
r
e
w
o
P
2
1
#
D
A
E
R
P
S
/
z
H
M
8
4
1
p
u
ll
u
p
l
a
n
r
e
t
n
I
.t
u
p
n
i
#
D
A
E
R
P
S
r
o
t
u
p
t
u
o
z
H
M
8
4
z
H
M
8
4k
c
o
l
c
B
S
U
r
o
f
t
u
p
t
u
o
z
H
M
8
4
#
D
A
E
R
P
S
t
u
p
n
i
n
a
si
si
h
T
.
el
b
a
si
d
tl
u
a
f
e
d
,
e
d
o
m
m
u
rt
c
e
p
S
d
a
e
r
p
S
el
b
a
n
E
w
o
l
e
v
it
c
A
p
u
r
e
w
o
p
r
e
tf
a
t
u
p
t
u
o
z
H
M
8
4
s
e
m
o
c
e
B
.
p
u
r
e
w
o
p
g
n
ir
u
d
d
el
p
m
a
s
3
1V P
S
S 21
z
H
M
8
4
d
n
a
z
H
M
4
2
r
o
f
d
n
u
o
r
G
4
1
#
6
6
/
0
0
1
L
E
S
/
z
H
M
4
2
1
p
u
ll
u
p
l
a
n
r
e
t
n
i
,t
u
p
n
i
#
6
6
/
0
0
1
L
E
S
r
o
t
u
p
t
u
o
z
H
M
4
2
z
H
M
4
2k
c
o
l
C
O
/I
r
e
p
u
S
r
o
f
t
u
p
t
u
o
z
H
M
4
2
#
6
6
/
0
0
1
L
E
S
.
e
si
w
r
e
h
t
o
t
u
p
t
u
o
z
H
M
4
2
,t
u
p
n
i
#
6
6
/
0
0
1
L
E
S
si
n
i
p
si
h
t
p
u
r
e
w
o
p
g
n
ir
u
D
z
H
M
0
0
1
=
h
g
i
H
,z
H
M
6
6
=
w
o
L
5
1K
L
C
S1
I
r
o
f
k
c
o
l
C
l
ai
r
e
S
2
p
U
ll
u
P
l
a
n
r
e
t
n
I
.
e
c
a
fr
e
t
n
i
C
6
1A
T
A
D
S1
I
r
o
f
a
t
a
D
l
ai
r
e
S
2
p
U
ll
u
P
l
a
n
r
e
t
n
I
.
e
c
a
fr
e
t
n
i
C
7
1#
N
W
D
_
R
W
P1
si
r
o
t
al
li
c
s
o
d
n
a
,l
a
t
s
y
r
c
,s
L
L
P
e
v
it
c
a
n
e
h
W
,
n
w
o
D
r
e
w
o
P
r
e
w
o
L
e
v
it
c
A
p
U
ll
u
P
l
a
n
r
e
t
n
I
.
w
o
l
d
l
e
h
e
r
a
s
k
c
o
l
c
K
L
C
I
C
P
d
n
a
s
K
L
C
U
P
C
.f
f
o
8
1#
P
O
T
S
_
U
P
C1
.
e
t
a
t
s
w
o
l
o
t
s
k
c
o
l
c
U
P
C
ll
a
s
p
o
t
S
.
w
o
L
e
v
it
c
A
p
U
ll
u
P
l
a
n
r
e
t
n
I
9
1#
P
O
T
S
_
I
C
P1
r
o
f
t
p
e
c
x
e
,
e
t
a
t
s
w
o
l
o
t
s
k
c
o
l
c
K
L
C
I
C
P
ll
a
s
p
o
t
S
.
w
o
L
e
v
it
c
A
p
U
ll
u
P
l
a
n
r
e
t
n
I
.
F
_
K
L
C
I
C
P
0
2V
E
R
O
C
S
S
1e
r
o
c
p
i
h
c
r
o
f
d
n
u
o
r
G
1
2V
E
R
O
C
D
D
1e
r
o
c
p
i
h
c
r
o
f
y
l
p
p
u
s
r
e
w
o
P
2
2V
U
P
C
S
S
1st
u
p
t
u
o
k
c
o
l
c
U
P
C
r
o
f
d
n
u
o
r
G
4
2
,
3
2]
1
:
0
[
K
L
C
U
P
C2
V
5
.
2
st
u
p
t
u
o
k
c
o
l
c
t
s
o
H
d
n
a
U
P
C
5
2V
U
P
C
D
D
1V
5
.
2
st
u
p
t
u
o
k
c
o
l
c
U
P
C
r
o
f
y
l
p
p
u
s
r
e
w
o
P
6
2F
E
R1
t
u
p
t
u
o
l
a
t
s
y
r
c
d
e
r
e
ff
u
B
7
2V
F
E
R
D
D
1st
u
p
t
u
o
F
E
R
r
o
f
y
l
p
p
u
S
r
e
w
o
P
8
2V
F
E
R
S
S
1st
u
p
t
u
o
F
E
R
r
o
f
d
n
u
o
r
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com