Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMP8170 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HMP8170
Description  NTSC/PAL Video Encoder
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HMP8170 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HMP8170 Datasheet HTML 9Page - Renesas Technology Corp HMP8170 Datasheet HTML 10Page - Renesas Technology Corp HMP8170 Datasheet HTML 11Page - Renesas Technology Corp HMP8170 Datasheet HTML 12Page - Renesas Technology Corp HMP8170 Datasheet HTML 13Page - Renesas Technology Corp HMP8170 Datasheet HTML 14Page - Renesas Technology Corp HMP8170 Datasheet HTML 15Page - Renesas Technology Corp HMP8170 Datasheet HTML 16Page - Renesas Technology Corp HMP8170 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
HMP8170
FN4284 Rev 6.00
Page 13 of 33
Sep 2003
Analog Outputs
The HMP8170 converts the video data into analog signals
using four 10-bit DACs running at the CLK2 rate. The DACs
output a current proportional to the digital data. The full scale
output current is determined by the reference voltage VREF
and an external resistor RSET. The full scale output current is
given by:
IFULLSCALE (mA) = 3.9 * VREF (V)/RSET (k)
(EQ 1.)
VREF must be chosen such that it is within the part’s operating
range; RSET must be chosen such that the maximum output
current is not exceeded.
If the VREF pin is not connected, the HMP8170 uses the
internal reference voltage. Otherwise, the applied voltage
overdrives the internal reference. If an external reference is
used, it must decoupled from any power supply noise. An
example external reference circuit is shown in the Applications
section.
The HMP8170 generates 1VP-P nominal video signals across
37.5
 loads, corresponding to doubly terminated 75 lines.
The encoder may also drive larger loads. The full scale output
current and load must be chosen such that the maximum
output voltage is not exceeded.
Output DAC Filtering
Since the DACs run at 2x the pixel sample rate, the sin(x)/x
rolloff of the outputs is greatly reduced, and there are fewer
high frequency artifacts in the output spectrum. This allows
using simple analog output filters. The analog output filter
should be flat to Fs/4 and have good rejection at 3Fs/4.
Example filters are shown in the Applications section.
Composite + Y/C Output Mode
The HMP8170 provides composite with S-video output mode.
When S-video outputs are selected, the encoder outputs the
luminance, modulated chrominance, and two copies of the
composite video signals. All four outputs are time aligned. The
output pin assignments are summarized in Table 12.
Composite + RGB Output Mode
When analog RGB video is selected, the HMP8170
transforms the filtered 8:8:8 YCbCr data into 8:8:8 RGB data.
The transform matrix uses different coefficients to generate
NTSC or PAL video levels.
The analog RGB outputs have a range of 0.3-1.0V with an
optional blanking pedestal. Composite sync information
(0.0-0.3V) may be optionally added to the green output. VBI
data is not included on the RGB outputs. The HMP8170 also
generates composite video when in RGB output mode. All four
outputs are time aligned.
The HMP8170 provides selectable pin outs for the RGB
outputs. When the SCART compatibility bit is cleared, the
analog composite video is output onto the NTSC/PAL 1 pin.
Red information is output onto the NTSC/PAL 2 pin, blue
information is output onto the C pin, and green information is
output onto the Y pin.
When the bit is set, the analog composite video is output onto
the Y pin. Red information is output onto the C pin, blue video
is output on the NTSC/PAL 2 pin, and the green signal is
output on the NTSC/PAL 1 pin. The output pin assignments are
summarized in Table 12.
Composite + YUV Output Mode
When analog YUV video is selected, the HMP8170 scales the
filtered YCbCr data to match the levels required by its DACs.
During the scaling, values less than 16 are clamped to 16.
The scaling factors for Cb and Cr are the same, but the CbCr
scaling factor is different from the Y scaling factor. The
encoder uses different sets of scale factors for NTSC and
PAL to accommodate their different black levels.
The analog YUV outputs have a range of 0.3-1.0V with an
optional blanking pedestal. Composite sync information
(0.0-0.3V) may be optionally added to the Y output. VBI data is
included on the Y output. The HMP8170 also generates
composite video when in YUV output mode. All four outputs
are time aligned. The output pin assignments are summarized
in Table 12.
Power Down Modes
To reduce power dissipation, any of the four output DACs may
be turned off. Each DAC has an independent enable bit. Each
output may be disabled in the host control register.
TABLE 12. OUTPUT PIN ASSIGNMENTS
PIN NAME
PIN #
OUTPUT MODE (SCART SELECT BIT)
COMP. WITH Y/C
(X)
COMP. W/ RGB
(0)
COMP. W/ RGB
(1)
COMP. W/ YUV
(X)
Y
3
Luma
Green
Composite
Composite
C
7
Chroma
Blue
Red
V
NTSC/PAL 1
11
Composite
Composite
Green
Y
NTSC/PAL 2
15
Composite
Red
Blue
U



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com