Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMP8170 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # HMP8170
Description  NTSC/PAL Video Encoder
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HMP8170 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button HMP8170 Datasheet HTML 17Page - Renesas Technology Corp HMP8170 Datasheet HTML 18Page - Renesas Technology Corp HMP8170 Datasheet HTML 19Page - Renesas Technology Corp HMP8170 Datasheet HTML 20Page - Renesas Technology Corp HMP8170 Datasheet HTML 21Page - Renesas Technology Corp HMP8170 Datasheet HTML 22Page - Renesas Technology Corp HMP8170 Datasheet HTML 23Page - Renesas Technology Corp HMP8170 Datasheet HTML 24Page - Renesas Technology Corp HMP8170 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
HMP8170
FN4284 Rev 6.00
Page 21 of 33
Sep 2003
TABLE 38. START V_BLANK HIGH REGISTER
SUB ADDRESS = 24H
BIT
NUMBER
FUNCTION
DESCRIPTION
RESET
STATE
7-1
Reserved
0000000B
0
MSB Assert BLANK
Output Signal
(Vertical)
This 1-bit register is cascaded with Start V_Blank Low Register to form a 9-bit
start_vertical_blank register. This register is ignored unless BLANK is configured as an output.
1B
TABLE 39. END V_BLANK REGISTER
SUB ADDRESS = 25H
BIT
NUMBER
FUNCTION
DESCRIPTION
RESET
STATE
7-0
Negate BLANK
Output Signal
(Vertical)
During normal operation, this 8-bit register specifies the line number (n) to start inputting pixel
input data (and what line number to start generating active output video) each odd field; for
even fields, it occurs on line (n + 262) or (n + 313).
The leading edge of VSYNC at the start of an odd field is count 000H (note that this does not
follow standard NTSC or PAL line numbering). This register is ignored unless BLANK is
configured as an output.
13H
TABLE 40. FIELD CONTROL REGISTER 1
SUB ADDRESS = 26H
BIT
NUMBER
FUNCTION
DESCRIPTION
RESET
STATE
7-0
Field Detect
Window Size Low
This 8-bit register is cascaded with Field Detect Window Size High to form a 9-bit Field Detect
Window Size value. The value specifies the number of 1x clock cycles in the detection window
before and after the selected edge of VSYNC. It may range from 0 to 511. If the leading edge
of HSYNC occurs within the window, it is the start of an odd or even field, as specified by the
FIELD Detect Select bit. This register is ignored unless HSYNC and VSYNC are configured
as inputs.
80H
TABLE 41. FIELD CONTROL REGISTER 2
SUB ADDRESS = 27H
BIT
NUMBER
FUNCTION
DESCRIPTION
RESET
STATE
7-4
Half Line Count
Reset Value
These bits specify the value to load to the vertical half line counter when the selected edge of
VSYNC. The value is ignored when HSYNC and VSYNC are configured as outputs.
00000B
2
VSYNC Edge
Select
This bit specifies whether the encoder uses the leading or trailing edge of VSYNC to determine
the field and to reset the half line counter. It is ignored unless HSYNC and VSYNC are
configured as inputs.
0 = leading edge
1 = trailing edge
0B
1
FIELD Detect
Select
This bit specifies whether an odd or even field is starting when the leading edge of HSYNC
occurs within the FIELD Detect Window. It is ignored unless HSYNC and VSYNC are
configured as inputs.
0 = odd field
1 = even field
0B
0
Field Detect
Window Size High
This bit is cascaded with Field Detect Window Size Low to form a 9-bit Field Detect Window
Size value. This bit is ignored unless HSYNC and VSYNC are configured as inputs.
0B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com