Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRS07J Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PRS07J
Description  Fast soft-recovery rectifiers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PRS07J Datasheet(HTML) 2 Page - NXP Semiconductors

  PRS07J Datasheet HTML 1Page - NXP Semiconductors PRS07J Datasheet HTML 2Page - NXP Semiconductors PRS07J Datasheet HTML 3Page - NXP Semiconductors PRS07J Datasheet HTML 4Page - NXP Semiconductors PRS07J Datasheet HTML 5Page - NXP Semiconductors PRS07J Datasheet HTML 6Page - NXP Semiconductors PRS07J Datasheet HTML 7Page - NXP Semiconductors PRS07J Datasheet HTML 8Page - NXP Semiconductors PRS07J Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
9397 750 13204
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 02 — 26 July 2004
2 of 9
Philips Semiconductors
PRS07 series
Fast soft-recovery rectifiers
3.
Ordering information
4.
Limiting values
Table 2:
Ordering information
Type number
Package
Name
Description
Version
PRS07D
SOD87
Hermetically sealed glass surface mounted package; Implotec™
technology; 2 connectors
SOD87
PRS07G
PRS07J
Table 3:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol Parameter
Conditions
Min
Max
Unit
VRRM
repetitive peak reverse voltage
PRS07D
-
200
V
PRS07G
-
400
V
PRS07J
-
600
V
VRWM
crest working reverse voltage
PRS07D
-
200
V
PRS07G
-
400
V
PRS07J
-
600
V
VR
reverse voltage
PRS07D
-
200
V
PRS07G
-
400
V
PRS07J
-
600
V
IF(AV)
average forward current
Ttp =65 °C; Figure 1;
averaged over any 20 ms period
-
1.7
A
Tamb =45 °C; Figure 2;
mounted on a printed-circuit board; Figure 6;
averaged over any 20 ms period
-
0.6
A
IFRM
repetitive peak forward current
Ttp = 105 °C
-
13
A
Tamb =60 °C
-
5.5
A
IFSM
non-repetitive peak forward current tp = 8.3 ms half sine wave;
Tj = 150 °C prior to surge; VR =VRRM(max)
-20
A
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com