Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRS07J Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PRS07J
Description  Fast soft-recovery rectifiers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PRS07J Datasheet(HTML) 3 Page - NXP Semiconductors

  PRS07J Datasheet HTML 1Page - NXP Semiconductors PRS07J Datasheet HTML 2Page - NXP Semiconductors PRS07J Datasheet HTML 3Page - NXP Semiconductors PRS07J Datasheet HTML 4Page - NXP Semiconductors PRS07J Datasheet HTML 5Page - NXP Semiconductors PRS07J Datasheet HTML 6Page - NXP Semiconductors PRS07J Datasheet HTML 7Page - NXP Semiconductors PRS07J Datasheet HTML 8Page - NXP Semiconductors PRS07J Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
9397 750 13204
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 02 — 26 July 2004
3 of 9
Philips Semiconductors
PRS07 series
Fast soft-recovery rectifiers
5.
Thermal characteristics
a = 1.42; VR =VRRM(max); δ = 0.5.
a = 1.42; VR =VRRM(max); δ = 0.5.
Device mounted as shown in Figure 6.
Fig 1.
Average forward current as a function of
tie-point temperature (including losses due to
reverse leakage); maximum values.
Fig 2.
Average forward current as a function of
ambient temperature (including losses due to
reverse leakage); maximum values.
003aaa637
0
1
2
3
0
40
80
120
160
IF(AV)
(A)
Ttp (°C)
003aaa638
0
0.2
0.4
0.6
0.8
0
40
80
120
160
IF(AV)
(A)
Tamb (°C)
Table 4:
Thermal characteristics
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-tp)
thermal resistance from junction to tie-point
-
30
-
K/W
Rth(j-a)
thermal resistance from junction to ambient
mounted on a printed-circuit
board, 1.5 mm thick; copper
thickness
≥ 40 µm; Figure 6
-
150
-
K/W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com