Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M66596FP Datasheet(PDF) 81 Page - Renesas Technology Corp

Part # M66596FP
Description  ASSP (USB2.0 Dual Function Controller)
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66596FP Datasheet(HTML) 81 Page - Renesas Technology Corp

Back Button M66596FP Datasheet HTML 77Page - Renesas Technology Corp M66596FP Datasheet HTML 78Page - Renesas Technology Corp M66596FP Datasheet HTML 79Page - Renesas Technology Corp M66596FP Datasheet HTML 80Page - Renesas Technology Corp M66596FP Datasheet HTML 81Page - Renesas Technology Corp M66596FP Datasheet HTML 82Page - Renesas Technology Corp M66596FP Datasheet HTML 83Page - Renesas Technology Corp M66596FP Datasheet HTML 84Page - Renesas Technology Corp M66596FP Datasheet HTML 85Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 133 page
background image
M66596FP/WG
rev .1.00
2006.3.14
page 79 of 127
3.4.1.6 Buffer memory operation (continuous transfer setting)
Either the continuous transfer mode or the non-continuous transfer mode can be selected, using the CNTMD
bit of the DCPCFG register and the PIPExCFG register. This selection is valid for pipes 0-5.
The continuous transfer mode function is a function that sends and receives multiple transactions in succession.
When the continuous transfer mode is set, data can be transferred without interrupts being issued to the CPU,
up to the buffer sizes assigned for each of the pipes.
In the continuous sending mode, the data being written is divided into packets of the maximum packet size
and sent. If the data being sent is less than the buffer size (short packet, or the integer multiple of the maximum
packet size is less than the buffer size), “BVAL=1” must be set after the data being sent has been written.
In the continuous reception mode, interrupts are not issued during reception of packets up to the buffer size,
until the transaction counter has ended, or until a short packet is received.
Figure 3.21 shows an example of buffer memory operation for the controller.
Max Packet Size
Not used area
CNTMD=0
When packet is received
Max Packet Size
Max Packet Size
CNTMD=1
When packet is received
Interrupt issued
Interrupt issued
Max Packet Size
Not used area
CNTMD=0
When packet is sent
Max Packet Size
Max Packet Size
CNTMD=1
When packet is sent
Sending enabled
Sending enabled
Figure 3.21 Example of buffer memory operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com