Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M66596FP Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # M66596FP
Description  ASSP (USB2.0 Dual Function Controller)
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66596FP Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button M66596FP Datasheet HTML 18Page - Renesas Technology Corp M66596FP Datasheet HTML 19Page - Renesas Technology Corp M66596FP Datasheet HTML 20Page - Renesas Technology Corp M66596FP Datasheet HTML 21Page - Renesas Technology Corp M66596FP Datasheet HTML 22Page - Renesas Technology Corp M66596FP Datasheet HTML 23Page - Renesas Technology Corp M66596FP Datasheet HTML 24Page - Renesas Technology Corp M66596FP Datasheet HTML 25Page - Renesas Technology Corp M66596FP Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 133 page
background image
M66596FP/WG
rev .1.00
2006.3.14
page 20 of 127
2.3.3
Line status monitor
Table 2.4Table 2.3 shows the USB data bus line statuses of the controller. The controller monitors the line
status (D+ line and D- line) of the USB data bus using the LNST bit of the SYSSTS register. The LNST bit is
configured of two bits. For the meaning of each of the bits, please refer to the table below.
The line status is checked with the Full-Speed receiver inside a M66596. This controller controls a Full-Speed
receiver automatically when internal clock is supplied. If the FSRPC of the SYSCFG register is set up, it is
enabled by setting the FSRPC of the SYSCFG register by S/W when internal clock is not supplied. After H/W
reset, in checking the state of D+ and D- before supplying an internal clock, please set a FSRPC bit as 1. Once
supplying an internal clock, it is not necessary to set up by S/W.
In the low-power sleep state, the line status cannot be monitored.
Table 2.4 USB data bus line statuses
LNST [1]
LNST [0]
During Full-Speed
operation
During Hi-Speed operation
During chirp operation
0
0
SE0
Squelch
Squelch
0
1
J State
not Squelch
Chirp J
1
0
K State
Invalid
Chirp K
1
1
SE1
Invalid
Invalid
Chirp:
The reset handshake protocol is being executed in the Hi-Speed operation enabled state (HSE = “1”).
Squelch:
SE0 or Idle state
not Squelch: Hi-Speed J state or Hi-Speed K state
Chirp J:
Chirp J state
Chirp K:
Chirp K state
2.3.4
USB data bus register control
A setup about resistance of a USB data bus is shown in Table 2.5. USB data bus line resistors are controled by
DMRPD
and DPRPU bit of SYSCFG register.
Table 2.5 Resistance control of a USB data bus
DMRPD
DPRPU
D-
D+
note
0
0
Open
Open
0
1
Open
Pull-Up
Peripheral Controller
1
0
Pull-Down
Pull-Down
Host Controller
1
1
Pull-Down
Pull-Up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com