Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC3003B6 Datasheet(PDF) 2 Page - CTS Corporation

Part # RC3003B6
Description  Integrated Resistor and Capacitor Network RC Series 3000
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

RC3003B6 Datasheet(HTML) 2 Page - CTS Corporation

  RC3003B6 Datasheet HTML 1Page - CTS Corporation RC3003B6 Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2005 CTS Corporation. All rights reserved. Information subject to change.
CTS Electronic Components
Page 2
10/10/2005
www.ctscorp.com
RC Series 3000 Technical Data
Mechanical Diagrams
1.27mm Pitch
L
W
H
P
D
K
Coplanarity
mm
12.34
±0.15
4.72
±0.15
2.54 max
1.27
±0.25
0.76
±0.05
1.09
±0.25
0.15
RC3001B6
1
RC3002B6
1
RC3004B6
1
inch
.486
±.006
.186
±.006
.100 max
.050
±.010
.030
±.002
.043
±.010
.006
mm
12.34
±0.15
5.99
±0.15
2.54 max
1.27
±0.25
0.76
±0.05
1.09
±0.25
0.15
RC3003B6
1
inch
.486
±.006
.236
±.006
.100 max
.050
±.010
.030
±.002
.043
±.010
.006
mm
11.43
±0.15
5.08
±0.15
2.03 max
1.27
±0.25
0.76
±0.05
1.02
±0.25
0.15
RC3005B6
inch
.450
±.006
.200
±.006
.080 max
.050
±.010
.030
±.002
.040
±.010
.006
mm
11.43
±0.15
3.81
±0.15
2.03 max
1.27
±0.25
0.76
±0.05
1.02
±0.25
0.15
RC3007B6
RC3008B6
inch
.450
±.006
.150
±.006
.080 max
.050
±.010
.030
±.002
.040
±.010
.006
1.0mm Pitch
L
W
H
P
D
K
Coplanarity
mm
9.64
±0.15
3.64
±0.15
1.83 max
1.00
±0.25
0.64
±0.05
0.82
±0.25
0.15
RC3002B7
inch
.380
±.006
.143
±.006
.072 max
.039
±.010
.025
±.002
.033
±.010
.006
Note 1: These are obsolete encapsulated designs. Only the un-encapsulated part numbers may be ordered. RC3005B6 replaces
RC3003B6, RC3007B6 replaces RC3004B6, and RC3008B6 replaces RC3001B6.
RC3___B_ CTSDATE
H
P
P
K
W
L
(Pitch)
ØD
A1 Identifier
Recommended Land Pattern
1.00mm Pitch (B7) = 0.51mm/.020 inch (minimum)
1.27mm pitch (B6) = 0.64mm/.025 inch (minimum)
Outline of Substrate
PCB Pad Diameter
For .006" Thick Solder Paste Stencil, Aperture Opening Should
be Equal to the PCB Pad Diameter.
Refer to www.ctscorp.com/resistor for Land Pattern Library
Solder Mask Dia = Pad
Diameter + 15mm
.
(.006 inch)
Part Number Coding
7 inch reel, Add TR7 to part
number, example RC3001B6TR7
13 inch reel, Add TR13 to part
number, example RC3001B6TR13
(Bulk packaging is not available)
Direction of Feed
Packaging Information
Suffix
TR7
TR13
Tape Width
24 mm
24mm
Carrier Pitch
8 mm
8 mm
Reel
Diameter
7 inch
13 inch
Parts/Reel
1,000
4,000
Electrical Specifications
Resistor Tolerance:
± 1.0%
TCR
± 200ppm/°C
Operating Temperature
Range
-55
°C to +125°C (with NPO capacitors)
-55
°C to +85°C (with X5R capacitors)
Maximum Resistor Power:
0.05 Watts min. at 70
°C (Not to exceed total
package power)
Maximum Package Power:
1.0 Watts at 70
°C
Maximum Processing
Temperature:
225°C, 30 sec. (Encapsulated Design)
235°C, 30 sec. (Un-encapsulated Design)
Note:
Maximum resistor power will vary by resistance value.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com