Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC3003B6 Datasheet(PDF) 1 Page - CTS Corporation

Part # RC3003B6
Description  Integrated Resistor and Capacitor Network RC Series 3000
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

RC3003B6 Datasheet(HTML) 1 Page - CTS Corporation

  RC3003B6 Datasheet HTML 1Page - CTS Corporation RC3003B6 Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CTS Electronic Components
Page 1
10/10/2005
www.ctscorp.com
© 2005 CTS Corporation. All rights reserved. Information subject to change.
RC Series 3000 Technical Data
Features
•
Integrated Resistor and Capacitor
Network
•
Excellent high frequency performance
•
Slim BGA Package
•
1% Resistor Tolerance
•
Dense packaging solution
• Significantly reduces component
placements
Ordering Information
1.27mm Pitch
Part Number
1.00mm Pitch
Part Number
Style
Ball Grid
Array Size
R1
Ω
Tolerance
R1
C1
Cap
Tolerance
Dielectric
DF
RC3001B6
1
J
3 x 9
50
±1%
33pf
±10%
NPO
2.5% max
RC3002B6
RC3002B7
K
3 x 9
50
±1%
0.1uf
±10%
X5R
5% max
RC3003B6
1
--
L
4 x 9
50
±1%
0.1uf
±10%
X5R
5% max
RC3004B6
1
J
3 x 9
50
±1%
100pf
±10%
NPO
2.5% max
RC3005B6
L
4 x 9
50
±1%
0.1uf
±10%
X5R
5% max
RC3007B6
J
3 x 9
50
±1%
100pf
±10%
NPO
2.5% max
RC3008B6
J
3 x 9
50
±1%
33pf
±10%
NPO
2.5% max
Note 1: These are obsolete encapsulated designs. Only the un-encapsulated part numbers may be ordered.
(Tape and reel packaging information is shown on page 2)
Description
This Resistor/Capacitor terminator network
provides high performance termination.
Designed with a ceramic substrate, this
device virtually eliminates channel
capacitance, a primary cause of reduced
system performance. In addition, the BGA
package eases routing design, saving the
designer many hours of printed circuit
layout.
RC Series 3000
Technical
Data
C1
C1
C1
C1
R1
R1
R1
R1
A
CDE
BF
G
H
1
J
C1
C1
C1
C1
R1
R1
R1
R1
C1
R1
Style J
2
3
C1
C1
C1
C1
R1
R1
R1
R1
A
CDE
BF
G
H
1
2
3
J
C1
R1
R1
C1
C1
C1
R1
R1
C1
R1
Style K
C1
R1
R1
C1
C1
C1
R1
R1
A
CDE
BF
G
H
J
1
C1
R1
R1
C1
C1
C1
R1
R1
C1
R1
Style L
2
3
4
R1
R1
R1
R1
R1
R1
R1
R1
R1


Similar Part No. - RC3003B6

ManufacturerPart #DatasheetDescription
logo
DFI Inc
RC300-CS DFI-RC300-CS Datasheet
1Mb / 5P
AI-Enabled Railway Embedded System
logo
Chongqing Pingwei Enter...
RC3005 CHONGQING-RC3005 Datasheet
40Kb / 1P
SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results

Similar Description - RC3003B6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PMR205 ETC-PMR205 Datasheet
42Kb / 2P
RC unit, metallized paper with integrated resistor
logo
Vishay Siliconix
VRD330K470MTF VISHAY-VRD330K470MTF Datasheet
98Kb / 4P
Molded, SOT-23 Resistor/Capacitor Network
01-Jul-08
logo
RCD COMPONENTS INC.
RC0801-100J100J RCD-RC0801-100J100J Datasheet
82Kb / 1P
CAPACITOR AND RESISTOR/CAPACITOR NETWORKS
logo
IRC - a TT electronics ...
PCF-RC1206LF-330K-470-M IRCTT-PCF-RC1206LF-330K-470-M Datasheet
107Kb / 1P
Resistor/Capacitor Chip Network
logo
MERITEK ELECTRONICS COR...
MCR MERITEK-MCR Datasheet
562Kb / 1P
RC Network (Snubber Capacitor)
logo
Bourns Electronic Solut...
4120R-601-RC BOURNS-4120R-601-RC_14 Datasheet
231Kb / 2P
RC Network T-Filters
601 BOURNS-601 Datasheet
231Kb / 2P
RC Network T-Filters
4120R-601-101 BOURNS-4120R-601-101 Datasheet
231Kb / 2P
RC Network T-Filters
4420P-601-201 BOURNS-4420P-601-201 Datasheet
231Kb / 2P
RC Network T-Filters
4420P-601-250 BOURNS-4420P-601-250 Datasheet
231Kb / 2P
RC Network T-Filters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com