Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBSS302PZ Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # PBSS302PZ
Description  20 V, 5.5 A PNP low VCEsat (BISS) transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PBSS302PZ Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  PBSS302PZ Datasheet HTML 1Page - Nexperia B.V. All rights reserved PBSS302PZ Datasheet HTML 2Page - Nexperia B.V. All rights reserved PBSS302PZ Datasheet HTML 3Page - Nexperia B.V. All rights reserved PBSS302PZ Datasheet HTML 4Page - Nexperia B.V. All rights reserved PBSS302PZ Datasheet HTML 5Page - Nexperia B.V. All rights reserved PBSS302PZ Datasheet HTML 6Page - Nexperia B.V. All rights reserved PBSS302PZ Datasheet HTML 7Page - Nexperia B.V. All rights reserved PBSS302PZ Datasheet HTML 8Page - Nexperia B.V. All rights reserved PBSS302PZ Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Important notice
Dear Customer,
On 7 February 2017 the former NXP Standard Product business became a new company with the
tradename Nexperia. Nexperia is an industry leading supplier of Discrete, Logic and PowerMOS
semiconductors with its focus on the automotive, industrial, computing, consumer and wearable
application markets
In data sheets and application notes which still contain NXP or Philips Semiconductors references, use
the references to Nexperia, as shown below.
Instead of http://www.nxp.com, http://www.philips.com/ or http://www.semiconductors.philips.com/,
use http://www.nexperia.com
Instead of sales.addresses@www.nxp.com or sales.addresses@www.semiconductors.philips.com, use
salesaddresses@nexperia.com (email)
Replace the copyright notice at the bottom of each page or elsewhere in the document, depending on
the version, as shown below:
- © NXP N.V. (year). All rights reserved or © Koninklijke Philips Electronics N.V. (year). All rights
reserved
Should be replaced with:
- © Nexperia B.V. (year). All rights reserved.
If you have any questions related to the data sheet, please contact our nearest sales office via e-mail
or telephone (details via salesaddresses@nexperia.com). Thank you for your cooperation and
understanding,
Kind regards,
Team Nexperia


Similar Part No. - PBSS302PZ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS302PZ NXP-PBSS302PZ Datasheet
172Kb / 14P
20 V, 5.5 A PNP low VCEsat (BISS) transistor
Rev. 02-20 November 2009
logo
Nexperia B.V. All right...
PBSS302PZ-Q NEXPERIA-PBSS302PZ-Q Datasheet
273Kb / 14P
20 V, 5.5 A PNP low VCEsat transistor
29 August 2024
More results

Similar Description - PBSS302PZ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS5120T PHILIPS-PBSS5120T Datasheet
47Kb / 7P
20 V, 1 A PNP low VCEsat (BISS) transistor
2003 Sep 29
PBSS5320X PHILIPS-PBSS5320X Datasheet
121Kb / 12P
20 V, 3 A PNP Low VCEsat (BISS) transistor
2004 Nov 04
PBSS5420D NXP-PBSS5420D Datasheet
124Kb / 14P
20 V, 4 A PNP low VCEsat (BISS) transistor
Rev. 02-29 September 2008
PBSS302PX NXP-PBSS302PX Datasheet
197Kb / 15P
20 V, 5.1 A PNP low VCEsat (BISS) transistor
Rev. 02-20 November 2009
PBSS302PZ NXP-PBSS302PZ Datasheet
172Kb / 14P
20 V, 5.5 A PNP low VCEsat (BISS) transistor
Rev. 02-20 November 2009
PBSS5520X NXP-PBSS5520X Datasheet
208Kb / 13P
20 V, 5 A PNP low VCEsat (BISS) transistor
2004 Nov 08
PBSS5220V PHILIPS-PBSS5220V_15 Datasheet
182Kb / 13P
20 V, 2 A PNP low VCEsat (BISS) transistor
Rev. 03-14 December 2009
PBSS5420D PHILIPS-PBSS5420D_15 Datasheet
131Kb / 14P
20 V, 4 A PNP low VCEsat (BISS) transistor
Rev. 02-29 September 2008
logo
Nexperia B.V. All right...
PBSS4021SP NEXPERIA-PBSS4021SP Datasheet
1Mb / 15P
20 V, 6.3 A PNP/PNP low VCEsat (BISS) transistor
PBSS4021PZ NEXPERIA-PBSS4021PZ Datasheet
729Kb / 15P
20 V, 6.6 A PNP low VCEsat (BISS) transistor
Rev. 01 - 31 March 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com