Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBSS302PZ Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # PBSS302PZ
Description  20 V, 5.5 A PNP low VCEsat (BISS) transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PBSS302PZ Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  PBSS302PZ Datasheet HTML 1Page - Nexperia B.V. All rights reserved PBSS302PZ Datasheet HTML 2Page - Nexperia B.V. All rights reserved PBSS302PZ Datasheet HTML 3Page - Nexperia B.V. All rights reserved PBSS302PZ Datasheet HTML 4Page - Nexperia B.V. All rights reserved PBSS302PZ Datasheet HTML 5Page - Nexperia B.V. All rights reserved PBSS302PZ Datasheet HTML 6Page - Nexperia B.V. All rights reserved PBSS302PZ Datasheet HTML 7Page - Nexperia B.V. All rights reserved PBSS302PZ Datasheet HTML 8Page - Nexperia B.V. All rights reserved PBSS302PZ Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
1.
Product profile
1.1 General description
PNP low VCEsat Breakthrough In Small Signal (BISS) transistor in a SOT223 (SC-73)
small Surface-Mounted Device (SMD) plastic package.
NPN complement: PBSS302NZ.
1.2 Features
Low collector-emitter saturation voltage VCEsat
High collector current capability IC and ICM
High collector current gain (hFE) at high IC
High efficiency due to less heat generation
Smaller required Printed-Circuit Board (PCB) area than for conventional transistors
1.3 Applications
DC-to-DC conversion
MOSFET gate driving
Motor control
Charging circuits
Power switches (e.g. motors, fans)
1.4 Quick reference data
[1]
Pulse test: tp ≤ 300 μs; δ≤ 0.02.
PBSS302PZ
20 V, 5.5 A PNP low VCEsat (BISS) transistor
Rev. 02 — 20 November 2009
Product data sheet
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter voltage
open base
-
-
−20
V
IC
collector current
-
-
−5.5
A
ICM
peak collector current
single pulse;
tp ≤ 1ms
--
−11
A
RCEsat
collector-emitter
saturation resistance
IC = −4A;
IB = −200 mA
[1] -35
50
m
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com