Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH49FQ Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AH49FQ
Description  LINEAR HALL EFFECT IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH49FQ Datasheet(HTML) 4 Page - Diodes Incorporated

  AH49FQ Datasheet HTML 1Page - Diodes Incorporated AH49FQ Datasheet HTML 2Page - Diodes Incorporated AH49FQ Datasheet HTML 3Page - Diodes Incorporated AH49FQ Datasheet HTML 4Page - Diodes Incorporated AH49FQ Datasheet HTML 5Page - Diodes Incorporated AH49FQ Datasheet HTML 6Page - Diodes Incorporated AH49FQ Datasheet HTML 7Page - Diodes Incorporated AH49FQ Datasheet HTML 8Page - Diodes Incorporated AH49FQ Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AH49FQ
Document number: DS45387 Rev. 1 - 2
4 of 9
www.diodes.com
January 2023
© 2023 Copyright Diodes Incorporated. All Rights Reserved.
AH49FQ
Transferring Characteristics (@VCC = 5V)
When there is no external magnetic field (B=0Gauss), the quiescent output voltage is one-half the supply voltage in general.
In the AH49FQ, the die is placed underneath the lead frame and therefore when a magnet pole approaches the SC59 part marking surface, the
largest magnetic sensitivity is obtained with a supply voltage of 8V, but at the cost of increased supply current and a slight loss of output symmetry.
So, it is not recommended to work in such condition unless the output voltage magnitude is a main issue. The output signal can be capacitively
coupled to a next-level amplifier for further amplifying if the changing frequency of the magnetic field is high.
Transfer Characteristic
Magnetic Characteristic For SC59
800
-800
400
-400
0
1.0V
2.5V
4.0V
Typical
Output
Voltage
V
B (Gauss)
North Pole



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com