Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH49FQ Datasheet (PDF) - Diodes Incorporated

AH49FQ Datasheet PDF - Diodes Incorporated
Part # AH49FQ
Download  AH49FQ Download
File Size   814.53 Kbytes
Page   9 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description LINEAR HALL EFFECT IC

AH49FQ Datasheet (PDF)

Go To PDF Page Download Datasheet
AH49FQ Datasheet PDF - Diodes Incorporated

Part # AH49FQ
Download  AH49FQ Click to download

File Size   814.53 Kbytes
Page   9 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description LINEAR HALL EFFECT IC

AH49FQ Datasheet (HTML) - Diodes Incorporated


AH49FQ Product details

Features
 Power Consumption of 3.0mA at VCC = 5V for Energy Efficiency
 Single Current Sourcing Output
 Linear Voltage Output for Circuit Design Flexibility
 Low-Noise Output Virtually Eliminates the Need for Filtering
 A Stable and Accurate Output
 Temperature Range: -40°C to +105°C
 Responds to Either Positive or Negative Gauss
 The Maximum Instantaneous Supply Voltage up to 50V
 High ESD Rating: 3000V (Human Body Model)
2000V (Charged Device Model)
 Small Low Profile SC59 Package
 AEC-Q100 Grade 2 Qualified
 Totally Lead-free & Fully RoHS Compliant (Notes 1 & 2)
 Halogen and Antimony Free. “Green” Device (Note 3)
 The AH49FQ is suitable for automotive applications
requiring specific change control; this part is AEC-Q100
qualified, PPAP capable, and manufactured in IATF 16949
certified facilities.

Applications
 Position sensing
 Liquid level sensing
 Weight sensing
 Ferrous metal detectors
 Vibration sensing
 Rotary encoders
 Magnetic code reading
 Motor controls
 Current sensing




Similar Part No. - AH49FQ

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AH49F BCDSEMI-AH49F Datasheet
294Kb / 10P
LINEAR HALL EFFECT IC Miniature Construction
logo
Diodes Incorporated
AH49F DIODES-AH49F Datasheet
467Kb / 12P
LINEAR HALL EFFECT IC
Rev 2
AH49FDNTR-G1 DIODES-AH49FDNTR-G1 Datasheet
467Kb / 12P
LINEAR HALL EFFECT IC
Rev 2
AH49FNTR-G1 DIODES-AH49FNTR-G1 Datasheet
467Kb / 12P
LINEAR HALL EFFECT IC
Rev 2
logo
Zhaoxingwei Electronics...
AH49FNTR-G1 ZHAOXINGWEI-AH49FNTR-G1 Datasheet
1,018Kb / 9P
Linear Hall-Effect IC
More results


Similar Description - AH49FQ

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AH49E BCDSEMI-AH49E Datasheet
133Kb / 8P
LINEAR HALL-EFFECT IC
logo
Nanjing Ouzhuo Technolo...
OH49F OHHALLSENSOR-OH49F Datasheet
155Kb / 3P
LINEAR HALL-EFFECT IC
OH49F-S OHHALLSENSOR-OH49F-S Datasheet
189Kb / 4P
LINEAR HALL-EFFECT IC
logo
Diodes Incorporated
AH49H DIODES-AH49H Datasheet
421Kb / 10P
LINEAR HALL EFFECT IC
Rev 1.2
AH49F DIODES-AH49F Datasheet
467Kb / 12P
LINEAR HALL EFFECT IC
Rev 2
AH49E DIODES-AH49E Datasheet
601Kb / 10P
LINEAR HALL-EFFECT IC
Rev 1
logo
Zhaoxingwei Electronics...
AH49FNTR-G1 ZHAOXINGWEI-AH49FNTR-G1 Datasheet
1,018Kb / 9P
Linear Hall-Effect IC
logo
Winson Semiconductor Co...
WSH138 WINSON-WSH138 Datasheet
256Kb / 5P
Linear Hall Effect Sensor IC
logo
Micronas
HAL411 MICRONAS-HAL411 Datasheet
1Mb / 18P
Linear Hall-Effect Sensor IC
logo
Nanjing Ouzhuo Technolo...
OH49E OHHALLSENSOR-OH49E Datasheet
238Kb / 3P
LINEAR HALL-EFFECT IC
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com