Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH49F Datasheet (PDF) - BCD Semiconductor Manufacturing Limited

AH49F Datasheet PDF - BCD Semiconductor Manufacturing Limited
Part # AH49F
Download  AH49F Download
File Size   294.47 Kbytes
Page   10 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description LINEAR HALL EFFECT IC Miniature Construction

AH49F Datasheet (PDF)

Go To PDF Page Download Datasheet
AH49F Datasheet PDF - BCD Semiconductor Manufacturing Limited

Part # AH49F
Download  AH49F Click to download

File Size   294.47 Kbytes
Page   10 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description LINEAR HALL EFFECT IC Miniature Construction

AH49F Datasheet (HTML) - BCD Semiconductor Manufacturing Limited


AH49F Product details

General Description
The AH49F is a small, versatile linear Hall-effect device that is operated by the magnetic field from a permanent magnet or an electromagnet. The output voltage is set by the supply voltage and varies in proportion to the strength of the magnetic field.
   
Features
• Miniature Construction
• Power Consumption of 3.0mA at VCC=5V for
    Energy Efficiency
• Single Current Sourcing Output
• Linear Output for Circuit Design Flexibility
• Low Noise Output Virtually Eliminates the Need
• for Filtering
• A Stable and Accurate Output
• Temperature Range: -40°C to 105°C
• Responds to Either Positive or Negative Gauss
• The Maximum Instantaneous Supply Voltage
• Up to 50V
• High ESD Rating: 6000V (Human Body Model)
                                600V (Machine Model)
   
Application
• Current Sensing
• Motor Control
• Position Sensing
• Magnetic Code Reading
• Rotary Encoder
• Ferrous Metal Detector
• Vibration Sensing
• Liquid Level Sensing
• Weight Sensing
   




Similar Part No. - AH49F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH49F DIODES-AH49F Datasheet
467Kb / 12P
LINEAR HALL EFFECT IC
Rev 2
AH49FDNTR-G1 DIODES-AH49FDNTR-G1 Datasheet
467Kb / 12P
LINEAR HALL EFFECT IC
Rev 2
AH49FNTR-G1 DIODES-AH49FNTR-G1 Datasheet
467Kb / 12P
LINEAR HALL EFFECT IC
Rev 2
logo
Zhaoxingwei Electronics...
AH49FNTR-G1 ZHAOXINGWEI-AH49FNTR-G1 Datasheet
1,018Kb / 9P
Linear Hall-Effect IC
logo
Diodes Incorporated
AH49FQ DIODES-AH49FQ Datasheet
814Kb / 9P
LINEAR HALL EFFECT IC
January 2023 Rev. 1 - 2
More results


Similar Description - AH49F

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AH49E BCDSEMI-AH49E Datasheet
133Kb / 8P
LINEAR HALL-EFFECT IC
logo
Nanjing Ouzhuo Technolo...
OH49F OHHALLSENSOR-OH49F Datasheet
155Kb / 3P
LINEAR HALL-EFFECT IC
OH49F-S OHHALLSENSOR-OH49F-S Datasheet
189Kb / 4P
LINEAR HALL-EFFECT IC
logo
Diodes Incorporated
AH49H DIODES-AH49H Datasheet
421Kb / 10P
LINEAR HALL EFFECT IC
Rev 1.2
AH49F DIODES-AH49F Datasheet
467Kb / 12P
LINEAR HALL EFFECT IC
Rev 2
AH49E DIODES-AH49E Datasheet
601Kb / 10P
LINEAR HALL-EFFECT IC
Rev 1
logo
Zhaoxingwei Electronics...
AH49FNTR-G1 ZHAOXINGWEI-AH49FNTR-G1 Datasheet
1,018Kb / 9P
Linear Hall-Effect IC
logo
Micronas
HAL411 MICRONAS-HAL411 Datasheet
1Mb / 18P
Linear Hall-Effect Sensor IC
logo
Nanjing Ouzhuo Technolo...
OH49E OHHALLSENSOR-OH49E Datasheet
238Kb / 3P
LINEAR HALL-EFFECT IC
logo
Diodes Incorporated
AH49FQ DIODES-AH49FQ Datasheet
814Kb / 9P
LINEAR HALL EFFECT IC
January 2023 Rev. 1 - 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com