Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH49F Datasheet (PDF) - Diodes Incorporated

AH49F Datasheet PDF - Diodes Incorporated
Part # AH49F
Download  AH49F Download
File Size   467.4 Kbytes
Page   12 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description LINEAR HALL EFFECT IC

AH49F Datasheet (PDF)

Go To PDF Page Download Datasheet
AH49F Datasheet PDF - Diodes Incorporated

Part # AH49F
Download  AH49F Click to download

File Size   467.4 Kbytes
Page   12 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description LINEAR HALL EFFECT IC

AH49F Datasheet (HTML) - Diodes Incorporated


AH49F Product details

Description
The AH49F is a small, versatile linear Hall-effect device that is operated by the magnetic field from a permanent magnet or an electromagnet. The output voltage is set by the supply voltage and varies in proportion to the strength of the magnetic field.
   
Features
• Power Consumption of 3.0mA at VCC = 5V for Energy Efficiency
• Single Current Sourcing Output
• Linear Voltage Output for Circuit Design Flexibility
• Low Noise Output Virtually Eliminates the Need for Filtering
• A Stable and Accurate Output
• Temperature Range: -40°C to +105°C
• Responds to Either Positive or Negative Gauss
• The Maximum Instantaneous Supply Voltage Up to 50V
• High ESD Rating: 6000V (Human Body Model)
                                600V (Machine Model)
• Small low profile U-DFN2020-6 and Industry Standard SC59 and
    TO-92S Packages
• Totally Lead-free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
   
Applications
• Position Sensing
• Liquid Level Sensing
• Weight Sensing
• Ferrous Metal Detector
• Vibration Sensing
• Rotary Encoder
• Magnetic Code Reading
• Motor Control
• Current Sensing
   




Similar Part No. - AH49F

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AH49F BCDSEMI-AH49F Datasheet
294Kb / 10P
LINEAR HALL EFFECT IC Miniature Construction
logo
Zhaoxingwei Electronics...
AH49FNTR-G1 ZHAOXINGWEI-AH49FNTR-G1 Datasheet
1,018Kb / 9P
Linear Hall-Effect IC
logo
Diodes Incorporated
AH49FQ DIODES-AH49FQ Datasheet
814Kb / 9P
LINEAR HALL EFFECT IC
January 2023 Rev. 1 - 2
AH49FQ-W-7 DIODES-AH49FQ-W-7 Datasheet
814Kb / 9P
LINEAR HALL EFFECT IC
January 2023 Rev. 1 - 2
More results


Similar Description - AH49F

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AH49E BCDSEMI-AH49E Datasheet
133Kb / 8P
LINEAR HALL-EFFECT IC
logo
Nanjing Ouzhuo Technolo...
OH49F OHHALLSENSOR-OH49F Datasheet
155Kb / 3P
LINEAR HALL-EFFECT IC
OH49F-S OHHALLSENSOR-OH49F-S Datasheet
189Kb / 4P
LINEAR HALL-EFFECT IC
logo
Diodes Incorporated
AH49H DIODES-AH49H Datasheet
421Kb / 10P
LINEAR HALL EFFECT IC
Rev 1.2
AH49E DIODES-AH49E Datasheet
601Kb / 10P
LINEAR HALL-EFFECT IC
Rev 1
logo
Zhaoxingwei Electronics...
AH49FNTR-G1 ZHAOXINGWEI-AH49FNTR-G1 Datasheet
1,018Kb / 9P
Linear Hall-Effect IC
logo
Winson Semiconductor Co...
WSH138 WINSON-WSH138 Datasheet
256Kb / 5P
Linear Hall Effect Sensor IC
logo
Micronas
HAL411 MICRONAS-HAL411 Datasheet
1Mb / 18P
Linear Hall-Effect Sensor IC
logo
Nanjing Ouzhuo Technolo...
OH49E OHHALLSENSOR-OH49E Datasheet
238Kb / 3P
LINEAR HALL-EFFECT IC
logo
Diodes Incorporated
AH49FQ DIODES-AH49FQ Datasheet
814Kb / 9P
LINEAR HALL EFFECT IC
January 2023 Rev. 1 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com