Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1684A Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP1684A
Description  AC/DC, HIGH PF, HIGH EFFICIENCY LED DRIVER CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1684A Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP1684A Datasheet HTML 3Page - Diodes Incorporated AP1684A Datasheet HTML 4Page - Diodes Incorporated AP1684A Datasheet HTML 5Page - Diodes Incorporated AP1684A Datasheet HTML 6Page - Diodes Incorporated AP1684A Datasheet HTML 7Page - Diodes Incorporated AP1684A Datasheet HTML 8Page - Diodes Incorporated AP1684A Datasheet HTML 9Page - Diodes Incorporated AP1684A Datasheet HTML 10Page - Diodes Incorporated AP1684A Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
AP1684A
Document number: DS37095 Rev. 1 - 2
7 of 13
www.diodes.com
August 2014
© Diodes Incorporated
AP1684A
A Product Line of
Diodes Incorporated
Application Information
The AP1684A is designed for single voltage application, and it features high power factor correction (PFC), low total harmonic distortion (THD),
low BOM cost and good EMI performance. The device can be widely used in non-dimmable LED application such as GU10, bulb lamps, down
lamp, etc. The AP1684A adopts constant on time control method within one AC cycle to achieve the high power factor and low THD. The control
scheme is very simple, the power factor correction effectiveness is obvious, and the constant current control is also good enough.
T1
OUT
+
VCC FB
OUT
CS
GND
C3
R7
R5
R6
R4
D1
C4
R3
Q1
AC
Input
F1
VR1
DB1
C2
L1
C1
R8
D2
R1
R2
RI
RM
R9
AP1684A
5
7
4
6
3
2
8
Figure 1. Typical BUCK Application Circuit
Components Selection Guide
If the system’s output spec is changed, please refer to the design sheet of the AP1684A and select the compatible system parameter. When the
system needs to be adjusted slightly, please refer to the table below and adjust the value of the related component.
Item
Description
Related Components
IO
LED current
R8
Output Current Ripple
Small current ripple is good for LED life
C4
ton_initial
System initial on time, used to start up the system
R1
Output Open Voltage
Setting the output voltage when the LED is open
R5, R6
Line Compensation
To get a good line regulation
R7, R9
Startup Time
System startup time
R3, C3, T1
EMI
Pass EN 55022 class B with 6DB margin
L1, C1, C2
Design Parameters
Setting the Current Sense Resistor R8
As the AP1684A adopts constant on time control method, the current of the inductance will follow the input voltage to get a sinusoidal wave. The
current sense pin CS of the AP1684A will sense the peak current of the inductance by sensing the voltage dropped on the current sense resistor
R8, and the constant current control is realized by controlling the peak current. In buck structure, when the VO is higher than VIN, no energy will be
transferred from input to output which is called dead zone, and considering the dead zone of buck structure, the output current can be calculated
as below:
8
1
_
_
R
V
k
I
ref
cs
mean
o
Where,
Vcs_ref is the reference of the current sense, and the typical value is 1V.
K is the current modification coefficient, and the value of K is approximate to be 0.7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com