Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1684A Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP1684A
Description  AC/DC, HIGH PF, HIGH EFFICIENCY LED DRIVER CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1684A Datasheet(HTML) 3 Page - Diodes Incorporated

  AP1684A Datasheet HTML 1Page - Diodes Incorporated AP1684A Datasheet HTML 2Page - Diodes Incorporated AP1684A Datasheet HTML 3Page - Diodes Incorporated AP1684A Datasheet HTML 4Page - Diodes Incorporated AP1684A Datasheet HTML 5Page - Diodes Incorporated AP1684A Datasheet HTML 6Page - Diodes Incorporated AP1684A Datasheet HTML 7Page - Diodes Incorporated AP1684A Datasheet HTML 8Page - Diodes Incorporated AP1684A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
AP1684A
Document number: DS37095 Rev. 1 - 2
3 of 13
www.diodes.com
August 2014
© Diodes Incorporated
AP1684A
A Product Line of
Diodes Incorporated
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified. Note 4)
Symbol
Parameter
Rating
Unit
VCC
Power Supply Voltage
-0.3 to 35
V
IOUT
Driver Output Current
Internally Limited
mA
VCS
Voltage at CS to GND
-0.3 to +7
V
VFB
FB Input Voltage
-40 to +10
V
TJ
Operating Junction Temperature
-40 to +150
°C
TSTG
Storage Temperature
-65 to +150
°C
TLEAD
Lead Temperature (Soldering, 10 sec)
+300
°C
PD
Power Dissipation (TA = +50°C)
0.65
W
JA
Thermal Resistance (Junction to Ambient)
160
°C/W
–
ESD (Human Body Model)
±2000
V
–
ESD (Machine Model)
±200
V
Note 4:
Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VCC
Power Supply Voltage
7
25
V
TA
Ambient Temperature
-40
+105
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com