Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9653 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # MPC9653
Description  3.3 V 1:8 LVCMOS PLL Clock Generator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9653 Datasheet(HTML) 2 Page - Renesas Technology Corp

  MPC9653 Datasheet HTML 1Page - Renesas Technology Corp MPC9653 Datasheet HTML 2Page - Renesas Technology Corp MPC9653 Datasheet HTML 3Page - Renesas Technology Corp MPC9653 Datasheet HTML 4Page - Renesas Technology Corp MPC9653 Datasheet HTML 5Page - Renesas Technology Corp MPC9653 Datasheet HTML 6Page - Renesas Technology Corp MPC9653 Datasheet HTML 7Page - Renesas Technology Corp MPC9653 Datasheet HTML 8Page - Renesas Technology Corp MPC9653 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
MPC9653 REVISION 4 FEBRUARY 4, 2013
2
©2013 Integrated Device Technology, Inc.
MPC9653 Data Sheet
3.3 V 1:8 LVCMOS PLL CLOCK GENERATOR
Figure 1. MPC9653 Logic Diagram
Figure 2. MPC9653 32-Lead Pinout (Top View)
1
0
1
0
 1
3
25 k
VCC
&
1
0
VCC
2
25 k
PCLK
Q0
Q1
Q2
Q3
Q4
VCO
Q5
Q6
Q7
QFB
PCLK
FB_IN
PLL_EN
VCO_SEL
BYPASS
MR/OE
 4
 2
25 k
Ref
FB
PLL *
200–500 MHz
VCC
25 k
* PLL will lock @ 145 MHz.
GND
Q0
VCC
QFB
GND
PLL_EN
BYPASS
Q5
VCC
Q6
GND
Q7
VCC
25
26
27
28
29
30
31
32
15
14
13
12
11
10
9
12
3
45
6
78
24
23
22
21
20
19
18
17
16
MPC9653
VCO_SEL
MR/OE
PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com