Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9653 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # MPC9653
Description  3.3 V 1:8 LVCMOS PLL Clock Generator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9653 Datasheet(HTML) 1 Page - Renesas Technology Corp

  MPC9653 Datasheet HTML 1Page - Renesas Technology Corp MPC9653 Datasheet HTML 2Page - Renesas Technology Corp MPC9653 Datasheet HTML 3Page - Renesas Technology Corp MPC9653 Datasheet HTML 4Page - Renesas Technology Corp MPC9653 Datasheet HTML 5Page - Renesas Technology Corp MPC9653 Datasheet HTML 6Page - Renesas Technology Corp MPC9653 Datasheet HTML 7Page - Renesas Technology Corp MPC9653 Datasheet HTML 8Page - Renesas Technology Corp MPC9653 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
DATASHEET
3.3 V 1:8 LVCMOS PLL Clock Generator
MPC9653
NRND
MPC9653 REVISION 4 FEBRUARY 4, 2013
1
©2013 Integrated Device Technology, Inc.
The MPC9653 is a 3.3 V compatible, 1:8 PLL based clock generator and
zero-delay buffer targeted for high performance low-skew clock distribution in
mid-range to high-performance telecom, networking and computing applications.
With output frequencies up to 125 MHz and output skews less than 150 ps the
device meets the needs of the most demanding clock applications.
Features
•
1:8 PLL based low-voltage clock generator
•
Supports zero-delay operation
•
3.3 V power supply
•
Generates clock signals up to 125 MHz
•
Maximum output skew of 150 ps
•
Differential LVPECL reference clock input
•
External PLL feedback
•
Drives up to 16 clock lines
•
32 lead LQFP packaging
•
Ambient temperature range 0°C to +70°C
•
Pin and function compatible to the MPC953
•
NRND – Not Recommend for New Designs
Use replacement part ICS86953I-147
The MPC9653 utilizes PLL technology to frequency lock its outputs onto an input reference clock. Normal operation of the
MPC9653 requires the connection of the QFB output to the feedback input to close the PLL feedback path (external feedback).
With the PLL locked, the output frequency is equal to the reference frequency of the device and VCO_SEL selects the operating
frequency range of 25MHz to 62.5MHz or 50MHz to 125MHz. The two available post-PLL dividers selected by VCO_SEL
(divide-by-4 or divide-by-8) and the reference clock frequency determine the VCO frequency. Both must be selected to match the
VCO frequency range. The internal VCO of the MPC9653 is running at either 4x or 8x of the reference clock frequency.
The MPC9653 has a differential LVPECL reference input along with an external feedback input. The device is ideal for use as
a zero delay, low skew fanout buffer. The device performance has been tuned and optimized for zero delay performance.
The PLL_EN and BYPASS controls select the PLL bypass configuration for test and diagnosis. In this configuration, the
selected input reference clock is bypassing the PLL and routed either to the output dividers or directly to the outputs. The PLL
bypass configurations are fully static and the minimum clock frequency specification and all other PLL characteristics do not
apply. The outputs can be disabled (high-impedance) and the device reset by asserting the MR/OE pin. Asserting MR/OE also
causes the PLL to loose lock due to missing feedback signal presence at FB_IN. Deasserting MR/OE will enable the outputs and
close the phase locked loop, enabling the PLL to recover to normal operation.
The MPC9653 is fully 3.3 V compatible and requires no external loop filter components. The inputs (except PCLK) accept
LVCMOS except signals while the outputs provide LVCMOS compatible levels with the capability to drive terminated 50
transmission lines. For series terminated transmission lines, each of the MPC9653 outputs can drive one or two traces giving the
devices an effective fanout of 1:16. The device is packaged in a 7x7 mm2 32-lead LQFP package.
MPC9653
LOW VOLTAGE
3.3 V LVCMOS 1:8
PLL CLOCK GENERATOR
FA SUFFIX
32 LEAD LQFP PACKAGE
CASE 873A-03
NRND – Not Recommend for New Designs


Similar Part No. - MPC9653

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9653 MOTOROLA-MPC9653 Datasheet
292Kb / 12P
3.3V 1:8 LVCMOS PLL CLOCK GENERATOR
logo
Renesas Technology Corp
MPC9653A RENESAS-MPC9653A Datasheet
690Kb / 13P
3.3 V 1:8 LVCMOS PLL Clock Generator
2019
More results

Similar Description - MPC9653

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9653 MOTOROLA-MPC9653 Datasheet
292Kb / 12P
3.3V 1:8 LVCMOS PLL CLOCK GENERATOR
MPC9331 MOTOROLA-MPC9331 Datasheet
321Kb / 12P
3.3 V 1:6 LVCMOS PLL Clock Generator
logo
Alliance Semiconductor ...
ASM5I9653A ALSC-ASM5I9653A Datasheet
648Kb / 13P
3.3V 1:8 LVCMOS PLL Clock Generator
logo
Exar Corporation
XRK697H73 EXAR-XRK697H73 Datasheet
279Kb / 12P
1:12 LVCMOS PLL CLOCK GENERATOR
XRK69772 EXAR-XRK69772 Datasheet
283Kb / 12P
1:12 LVCMOS PLL CLOCK GENERATOR
logo
Freescale Semiconductor...
MPC9773 FREESCALE-MPC9773 Datasheet
490Kb / 19P
3.3 V 1:12 LVCMOS PLL Clock Generator
logo
PulseCore Semiconductor
PCS5I9653A PULSECORE-PCS5I9653A Datasheet
644Kb / 13P
3.3V 1:8 LVCMOS PLL Clock Generator
logo
Renesas Technology Corp
MPC9331 RENESAS-MPC9331 Datasheet
428Kb / 14P
3.3 V 1:6 LVCMOS PLL Clock Generator
2019
MPC9653A RENESAS-MPC9653A Datasheet
690Kb / 13P
3.3 V 1:8 LVCMOS PLL Clock Generator
2019
MPC9773 RENESAS-MPC9773 Datasheet
557Kb / 22P
3.3 V 1:12 LVCMOS PLL Clock Generator
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com