Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

550-0708 Datasheet(PDF) 1 Page - Dialight Corporation

Part # 550-0708
Description  5mm LED CBI Circuit Board Indicator 250 LED Centerline
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

550-0708 Datasheet(HTML) 1 Page - Dialight Corporation

  550-0708 Datasheet HTML 1Page - Dialight Corporation 550-0708 Datasheet HTML 2Page - Dialight Corporation 550-0708 Datasheet HTML 3Page - Dialight Corporation 550-0708 Datasheet HTML 4Page - Dialight Corporation 550-0708 Datasheet HTML 5Page - Dialight Corporation 550-0708 Datasheet HTML 6Page - Dialight Corporation 550-0708 Datasheet HTML 7Page - Dialight Corporation 550-0708 Datasheet HTML 8Page - Dialight Corporation 550-0708 Datasheet HTML 9Page - Dialight Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
6-15
Dialight Corporation • 1501 Route 34 South • Farmingdale, NJ 07727 • TEL: (732) 919-3119 • FAX: (732) 751-5778 •www.dialight.com
6
5mm
LED CBI
® Circuit Board Indicator
.250" LED Centerline
550-xx08
CATHODE
Red Cathode for
Red/Green Bi-Color
Yellow Cathode for
Yellow/Green Bi-Color
6.10
[.240]
3.68
[.145]
2.54
[.100]
A
RECOMMENDED
P.C. HOLE PATTERN
2.54
[.100]
9.4
[.370]
6.35
[.250]
1.02 dia.
[.040]
5.21
[.205]
9.02
[.355]
4.83
[.190]
4.6
[.180]
PART NO.
COLOR
INTEGRAL RESISTOR
550-0508
Red, 5V
550-0708
Green, 5V
550-0808
Yellow, 5V
LOW CURRENT
550-1108
Red
550-1208
Yellow
550-1308
Green
HIGH EFFICIENCY
550-2208
Green
550-2308
Yellow
550-2408
Red
550-2508
Orange
BI-COLOR
550-3008
Red/Green
550-3108
Yellow/Green
SUPER BRIGHT, DIFFUSED
550-5108
Red
550-5208
Green
550-5308
Yellow
SUPER BRIGHT, WATER CLEAR
(Non-tinted, Non-diffused)
550-5508
Red
550-5608
Green
550-5708
Yellow
Features
• Multiple CBIs form horizontal LED arrays on 6.35mm
(0.250”) center-lines.
• High Contrast, UL 94 V-0 rated, black housing
• Oxygen index: 32%
• Polymer content: PBT, 0.422 g
• Housing stand-offs facilitate PCB cleaning
• Solderability per MIL-STD-202F, method 208F
• LEDs are safe for direct viewing per IEC 825-1, EN-60825-1
Custom
• For custom LEDs contact factory.
Tolerance note: As noted, otherwise:
• LED Protrusion: ±0.04 mm [±0.016]
• CBI Housing: ±0.02mm[±0.008]
Dimensions in mm [inches]
Dimension A: .635 [.025] for -0508 to -0808
.508 [.020] for all others
Hole Diameter: 1.22[.048] for -0508 to -0808
Standard Polarity shown in drawing: Cathode right
NEW
To order any of the 550-xx08 part numbers with
Reverse Polarity (Cathode Left), please add -
010 to the part numbers shown above.
5 5 0
x x 0 8
0 1 0
Reverse Polarity Option
1) Cathode Left
–010 Ordering Code Suffix required ONLY for Reverse Polarity Option
LED Type
PART NUMBER ORDERING CODE
Series
–
–


Similar Part No. - 550-0708

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
550-0704 DIALIGHT-550-0704 Datasheet
132Kb / 1P
5mm LED CBI, TOP VIEW
550-0704 DIALIGHT-550-0704 Datasheet
73Kb / 9P
5mm LED CBI Circuit Board Indicator Top View, Single
550-0705 DIALIGHT-550-0705 Datasheet
121Kb / 1P
5mm LED CBI, SO BACK HOUSING
550-0707 DIALIGHT-550-0707 Datasheet
104Kb / 1P
5mm LED CBI Circuit Board Indicator Sloped Back Housing with Standoffs
550-0707 DIALIGHT-550-0707 Datasheet
89Kb / 11P
5mm LED CBI짰 Circuit Board Indicator Sloped Back Housing with Standoffs
More results

Similar Description - 550-0708

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
551-XX07 DIALIGHT-551-XX07 Datasheet
73Kb / 9P
3mm LED CBI Circuit Board Indicator 200 High LED Centerline
551-XX07-004 DIALIGHT-551-XX07-004 Datasheet
61Kb / 8P
3mm LED CBI Circuit Board Indicator Quad, .200??High LED Centerline
551-XX09 DIALIGHT-551-XX09 Datasheet
70Kb / 9P
3mm LED CBI Circuit Board Indicator 120 High LED Centerline
552-0XXX DIALIGHT-552-0XXX Datasheet
84Kb / 11P
5mm LED CBI Circuit Board Indicator Bi-level
561-XX0X-XXX DIALIGHT-561-XX0X-XXX Datasheet
80Kb / 11P
5mm LED CBI Circuit Board Indicator Vertical, Various Heights
566-XX07 DIALIGHT-566-XX07 Datasheet
41Kb / 3P
2mm x 5mm Rectangular LED CBI Circuit Board Indicator
550-XX04 DIALIGHT-550-XX04 Datasheet
73Kb / 9P
5mm LED CBI Circuit Board Indicator Top View, Single
551-0601F DIALIGHT-551-0601F Datasheet
86Kb / 8P
LED CBI Circuit Board Indicator LED CBI Circuit Board Indicator
350-1681-ND DIALIGHT-350-1681-ND Datasheet
74Kb / 9P
LED CBI Circuit Board Indicator .120 High LED Centerline
350-1817-ND DIALIGHT-350-1817-ND Datasheet
78Kb / 9P
LED CBI Circuit Board Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com