Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

550-0708 Datasheet(PDF) 2 Page - Dialight Corporation

Part # 550-0708
Description  5mm LED CBI Circuit Board Indicator 250 LED Centerline
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

550-0708 Datasheet(HTML) 2 Page - Dialight Corporation

  550-0708 Datasheet HTML 1Page - Dialight Corporation 550-0708 Datasheet HTML 2Page - Dialight Corporation 550-0708 Datasheet HTML 3Page - Dialight Corporation 550-0708 Datasheet HTML 4Page - Dialight Corporation 550-0708 Datasheet HTML 5Page - Dialight Corporation 550-0708 Datasheet HTML 6Page - Dialight Corporation 550-0708 Datasheet HTML 7Page - Dialight Corporation 550-0708 Datasheet HTML 8Page - Dialight Corporation 550-0708 Datasheet HTML 9Page - Dialight Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
6-16
Dialight Corporation • 1501 Route 34 South • Farmingdale, NJ 07727 • TEL: (732) 919-3119 • FAX: (732) 751-5778 •www.dialight.com
550-xx08
Peak
IV
VF
Test
Viewing
LED
Part Number
Color
Wavelength nm
mcd
Volts
Current (mA)
Angle 2
Θ
Θ½
Data sheet
Page #
550-5508
Red
635
125
2.2
20
24°
521-9464
6-47
550-5608
Green
565
120
2.3
20
24°
521-9465
6-47
550-5708
Yellow
583
140
2.2
20
24°
521-9466
6-47
SUPER BRIGHT, WATER CLEAR (NON-TINTED, NON-DIFFUSED)
Peak
IV
VF
Test
Viewing
LED
Part Number
Color
Wavelength nm
mcd
Volts
Current (mA)
Angle 2
Θ
Θ½
Data sheet
Page #
550-1108
Red
635
2
1.8
2
50°
521-9320
6-42
550-1208
Yellow
583
1.8
1.9
2
50°
521-9321
6-42
550-1308
Green
565
1.8
1.8
2
50°
521-9327
6-42
LOW CURRENT
Peak
IV
VF
Test
Viewing
LED
Part Number
Color
Wavelength nm
mcd
Volts
Current (mA)
Angle 2
Θ
Θ½
Data sheet
Page #
550-2208
Green
563
10
2.1
10
65°
5HD-9270-5
6-49
550-2308
Yellow
585
6.3
2.1
10
50°
5HD-9271-5
6-49
550-2408
Red
650
7
2.2
10
50°
5HD-9269
6-49
550-2508
Orange
600
7
1.9
10
60°
521-9704
6-43
HIGH EFFICIENCY
Peak
IV
VF
Test
Viewing
LED
Part Number
Color
Wavelength nm
mcd
Volts
Current (mA)
Angle 2
Θ
Θ½
Data sheet
Page #
550-5108
Red
650
34
2.1
20
50°
5SD-9441
6-53
550-5208
Green
563
34
2.2
20
50°
5SD-9456
6-53
550-5308
Yellow
585
34
2.2
20
50°
5SD-9455
6-53
SUPER BRIGHT, DIFFUSED
Peak
IV
VF
Test
Viewing
LED
Part Number
Color
Wavelength nm
mcd
Volts
Current (mA)
Angle 2
Θ
Θ½
Data sheet
Page #
550-3008
Red/Green
660/565
90/40
1.8/2.1
20
60°
521-9651
6-46
550-3108
Yellow/Green
585/565
8.7/8.7
2.1/2.1
20
50°
521-9724
6-46
BI-COLOR
Peak
IV
Test
Forward
Viewing
LED
Part Number
Color
Wavelength nm
mcd
Voltage
Current (mA)
Angle 2
Θ
Θ½
Data sheet
Page #
550-0508
Red
655
2
5
13
60°
5RD-9422
6-52
550-0708
Green
565
8
5
12
60°
5RD-9423
6-52
550-0808
Yellow
583
8
5
10
60°
521-9284
6-41
INTEGRAL RESISTOR See page 6-55 and 6-56 for Reference Only LED Drive Circuit Examples. See page 6-57 for Pin Out
Typical Operating Characteristics (TA=25°C)
See LED data sheet for additional information



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com