Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XMPL Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # XMPL
Description  SMD Solid Conductive (multilayer-type)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

XMPL Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  XMPL Datasheet HTML 1Page - Cornell Dubilier Electronics XMPL Datasheet HTML 2Page - Cornell Dubilier Electronics XMPL Datasheet HTML 3Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
XMPL
+105°C Multi-layer Low
Profile Chip
WVDC
Capacitance
(µF)
IC PART NUMBER
Maximum
ESR (Ω)
120 Hz,
+20°C
Maximum
ESR (mΩ)
100 kHz,
+20°C
Leakage
Current
(μA)
Maximum
RMS
Ripple
Current
(A)
100 kHz,
+105°C
Dimensions
LxHxT (mm)
6.3
47
2.1164
25
29.61
1.8
7.3x4.3x1.9
6.3
68
476XMPL6R3MG19
686XMPL6R3MG19
1.4628
15
42.84
2
7.3x4.3x1.9
6.3
100
107XMPL6R3MG19H
0.9947
12
63
2.7
7.3x4.3x1.9
6.3
100
0.9947
15
63
2.7
7.3x4.3x1.9
6.3
120
107XMPL6R3MG19
127XMPL6R3MG19
0.8289
15
75.6
2.7
7.3x4.3x1.9
6.3
120
12
75.6
2.7
7.3x4.3x1.9
6.3
120
127XMPL6R3MG19H
0.8289
127XMPL6R3MG19X
0.8289
9
75.6
2.7
7.3x4.3x1.9
6.3
150
157XMPL6R3MG19
0.6631
15
94.5
3
7.3x4.3x1.9
6.3
150
12
94.5
3
7.3x4.3x1.9
6.3
150
157XMPL6R3MG19H
0.6631
157XMPL6R3MG19X
0.6631
9
94.5
3
7.3x4.3x1.9
6.3
180
0.5526
15
113.4
2.7
7.3x4.3x1.9
6.3
220
0.4521
10
138.6
3
7.3x4.3x1.9
6.3
330
0.3014
10
207.9
3
7.3x4.3x1.9
10
10
9.9472
45
30
1
7.3x4.3x1.9
10
22
4.5214
40
66
1.8
7.3x4.3x1.9
10
33
3.0143
40
99
2
7.3x4.3x1.9
10
47
2.1164
40
141
3
7.3x4.3x1.9
12
10
9.9472
55
37.5
1
7.3x4.3x1.9
12
15
6.6315
45
56.25
1
7.3x4.3x1.9
12
22
4.5214
30
82.5
1.8
7.3x4.3x1.9
16
6.8
14.6282
70
32.64
2
7.3x4.3x1.9
16
10
9.9472
40
48
2
7.3x4.3x1.9
16
15
6.6315
40
72
3
7.3x4.3x1.9
16
22
4.5214
40
105.6
3
7.3x4.3x1.9
16
47
2.1164
40
225.6
3
7.3x4.3x1.9
20
6.8
14.6282
40
40.8
1.8
7.3x4.3x1.9
20
10
9.9472
40
60
1.8
7.3x4.3x1.9
20
15
6.6315
40
90
2
7.3x4.3x1.9
20
22
4.5214
40
282
2
7.3x4.3x1.9
20
33
3.0143
40
336
2
7.3x4.3x1.9
20
47
2.1146
40
132
2.2
7.3x4.3x1.9
20
56
1.7762
40
198
2.2
7.3x4.3x1.9
25
6.8
14.6282
40
51
1.8
7.3x4.3x1.9
25
10
9.9472
40
75
2
7.3x4.3x1.9
25
22
4.5214
40
165
2
7.3x4.3x1.9
25
33
3.0143
40
247.5
2.2
7.3x4.3x1.9
25
47
2.1164
40
352.5
2.2
7.3x4.3x1.9
35
6.8
14.6282
40
71.4
1.2
7.3x4.3x1.9
35
10
9.9472
40
105
1.8
7.3x4.3x1.9
35
22
4.5214
40
231
2
7.3x4.3x1.9
35
33
187XMPL6R3MG19
227XMPL6R3MG19
337XMPL6R3YG19
106XMPL010MG19
226XMPL010MG19
336XMPL010MG19
476XMPL010MG19
106XMPL012MG19
156XMPL012MG19
226XMPL012MG19
685XMPL016MG19
106XMPL016MG19
156XMPL016MG19
226XMPL016MG19
476XMPL016MG19
685XMPL020MG19
106XMPL020MG19
156XMPL020MG19
226XMPL020MG19
336XMPL020MG19
476XMPL020MG19
566XMPL020MG19
685XMPL025MG19
106XMPL025MG19
226XMPL025MG19
336XMPL025MG19
476XMPL025MG19
685XMPL035MG19
106XMPL035MG19
226XMPL035MG19
336XMPL035MG19
3.0143
40
346.5
2
7.3x4.3x1.9



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com