Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XMPL Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # XMPL
Description  SMD Solid Conductive (multilayer-type)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

XMPL Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  XMPL Datasheet HTML 1Page - Cornell Dubilier Electronics XMPL Datasheet HTML 2Page - Cornell Dubilier Electronics XMPL Datasheet HTML 3Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Feb-23
FEATURES
Small Size – Low Impedance – Halogen Free Epoxy – RoHS Compliant –
Stable with Temperature, Applied Voltage and Frequency
APPLICATIONS
Decoupling – Noise Suppression
Operating
Temperature Range
-55°C to +105°C
Capacitance
Tolerance
+20% (M), -35% +10% (Y)
120 Hz, 20°C
Surge
Voltage
WVDC
2
2.5
4
6.3
10
12.5
16
20
25
35
SVDC
1.25*WVDC (+85°C)
Dissipation
Factor
WVDC
2
2.5
4
6.3
10
12.5
16
20
25
35
Tan δ
< 0.06 (120 Hz, +20°C)
Leakage Current
(25°C) MAX
Time
<10 VDC
>10 VDC
2 Minutes
0.1CV
0.3CV
Load Life
2000 hours at 105°C with rated WVDC applied
Capacitance Change
<20% of initial measured value
Dissipation Factor
<200% of maximum specified value
Leakage Current
< 6.3V
<300% of maximum specified value
> 10V
<100% of maximum specified value
Moisture Resistance
Test
500 hours at 60°C and 90% relative Humidity with no voltage applied
Capacitance Change
<20% to +70% of initially measured value
Dissipation Factor
<200% of maximum specified value
Leakage Current
< 6.3V
<100% of maximum specified value
> 10V
<200% of initially measured value
Ripple Current
Multipliers
T ≤ 45°C
45°C < T ≤ 85°C
85°C < T ≤ 105°C
2V~6.3V
2
1.5
1
10V~35V
1.5
1.3
1
Case
size
EIA
Code
L+0.3
W+0.2
T+0.2
W1+0.1
S+0.3
G19
7343
7.3
4.3
1.9
2.4
1.3


Similar Part No. - XMPL

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
XMPL ILLINOISCAPACITOR-XMPL Datasheet
256Kb / 5P
SMD Solid Conductive (multilayer-type)
logo
Cornell Dubilier Electr...
XMPL CDE-XMPL Datasheet
466Kb / 3P
SMD Solid Conductive (multilayer-type)
Aug-22
More results

Similar Description - XMPL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
94SVP VISHAY-94SVP_12 Datasheet
84Kb / 4P
SMD Aluminum Solid Capacitors with Conductive Polymer
28-Aug-12
94SVPD VISHAY-94SVPD Datasheet
157Kb / 13P
SMD Aluminum Solid Capacitors with Conductive Polymer
03-Aug-12
94SVPD VISHAY-94SVPD_15 Datasheet
147Kb / 13P
SMD Aluminum Solid Capacitors with Conductive Polymer
03-Aug-12
logo
Illinois Capacitor, Inc...
XMPL ILLINOISCAPACITOR-XMPL Datasheet
256Kb / 5P
SMD Solid Conductive (multilayer-type)
logo
MERITEK ELECTRONICS COR...
PE MERITEK-PE Datasheet
678Kb / 3P
Conductive Polymer Aluminum Solid Capacitors (Radial Type)
PE5K MERITEK-PE5K Datasheet
809Kb / 2P
Conductive Polymer Aluminum Solid Capacitors (Radial type)
PEEA MERITEK-PEEA Datasheet
738Kb / 2P
Conductive Polymer Aluminum Solid Capacitor (Radial Type)
logo
Vishay Siliconix
SVPD VISHAY-SVPD Datasheet
159Kb / 13P
SMD Aluminum Solid Capacitors with Conductive Polymer
03-Aug-12
logo
Illinois Capacitor, Inc...
107XMPL002MG19 ILLINOISCAPACITOR-107XMPL002MG19_V01 Datasheet
466Kb / 3P
SMD Solid Conductive (multilayer-type)
Aug-22
logo
Cornell Dubilier Electr...
XMPL CDE-XMPL Datasheet
466Kb / 3P
SMD Solid Conductive (multilayer-type)
Aug-22
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com