Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVPD Datasheet (PDF) - Vishay Siliconix

SVPD Datasheet PDF - Vishay Siliconix
Part # SVPD
Download  SVPD Download
File Size   159.63 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description SMD Aluminum Solid Capacitors with Conductive Polymer

SVPD Datasheet (PDF)

Go To PDF Page Download Datasheet
SVPD Datasheet PDF - Vishay Siliconix

Part # SVPD
Download  SVPD Click to download

File Size   159.63 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description SMD Aluminum Solid Capacitors with Conductive Polymer

SVPD Datasheet (HTML) - Vishay Siliconix


SVPD Product details

• New OS-CON 94SVPD series provides
improved characteristics with up to 125 °C
temperature capability and 35 V maximum
voltage rating in a SMD package
• Improved damp heat (steady state) 85 °C x 85 %
RH performance
• Suitable for use in smoothing circuits of vehicle-mounted
equipment, industrial equipment, etc.
• This product can support lead (Pb)-free reflow (2)




Similar Part No. - SVPD

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
SVP PANASONICBATTERY-SVP Datasheet
273Kb / 1P
Aluminum-Polymer Solid Capacitors
logo
Pro-Signal
SVP676-1M PROSIGNAL-SVP676-1M Datasheet
24Kb / 1P
Microphone Lead
SVP676-3M PROSIGNAL-SVP676-3M Datasheet
24Kb / 1P
Microphone Lead
logo
Panasonic Battery Group
SVPC PANASONICBATTERY-SVPC Datasheet
76Kb / 2P
RoHS directive Halogen-Free Compliant
SVPE PANASONICBATTERY-SVPE Datasheet
273Kb / 1P
Aluminum-Polymer Solid Capacitors
More results


Similar Description - SVPD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
94SVP VISHAY-94SVP_12 Datasheet
84Kb / 4P
SMD Aluminum Solid Capacitors with Conductive Polymer
28-Aug-12
94SVPD VISHAY-94SVPD Datasheet
157Kb / 13P
SMD Aluminum Solid Capacitors with Conductive Polymer
03-Aug-12
logo
List of Unclassifed Man...
APSA6R3ELL681MJB5S ETC2-APSA6R3ELL681MJB5S Datasheet
43Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
Vishay Siliconix
94SVPD VISHAY-94SVPD_15 Datasheet
147Kb / 13P
SMD Aluminum Solid Capacitors with Conductive Polymer
03-Aug-12
logo
United Chemi-Con, Inc.
APSA100ELL470 CHEMI-CON-APSA100ELL470 Datasheet
37Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APSC160ELL331 CHEMI-CON-APSC160ELL331 Datasheet
303Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APSK2R5ELL561 CHEMI-CON-APSK2R5ELL561 Datasheet
294Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
Panasonic Semiconductor
63SXV33M PANASONIC-63SXV33M Datasheet
48Kb / 1P
Conductive Polymer Aluminum Solid Capacitors ?
2R5SVT560M PANASONIC-2R5SVT560M Datasheet
542Kb / 7P
Conductive Polymer Aluminum Solid Capacitors
SVPE PANASONIC-SVPE_V01 Datasheet
1Mb / 7P
Conductive Polymer Aluminum Solid Capacitors
01-Apr-22
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com