Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVPD Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SVPD
Description  SMD Aluminum Solid Capacitors with Conductive Polymer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SVPD Datasheet(HTML) 2 Page - Vishay Siliconix

  SVPD Datasheet HTML 1Page - Vishay Siliconix SVPD Datasheet HTML 2Page - Vishay Siliconix SVPD Datasheet HTML 3Page - Vishay Siliconix SVPD Datasheet HTML 4Page - Vishay Siliconix SVPD Datasheet HTML 5Page - Vishay Siliconix SVPD Datasheet HTML 6Page - Vishay Siliconix SVPD Datasheet HTML 7Page - Vishay Siliconix SVPD Datasheet HTML 8Page - Vishay Siliconix SVPD Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
94SVPD
www.vishay.com
Vishay OS-CON
Revision: 03-Aug-12
2
Document Number: 90022
For technical questions, contact: aluminumcaps4@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Capacitance tolerance: M ± 20 %
(2) After 2 min
(3) Tx: Ambient temperature
CASE CODE LIST
CAPACITANCE
(μF)
RATED VOLTAGE (SURGE AT 125 °C)
10.0
(11.5)
16.0
(18.4)
25.0
(29.0)
35.0
(40.0)
8.2
E7
10
C6
18
F8
22
E7
E12
39
F8
47
E12
F12
56
C6
82
E7
F12
RECOMMENDED LAND PATTERN DIMENSIONS (in millimeters)
SIZE CODE
a
b
c
C6
2.1
9.1
1.6
E7
2.8
11.1
1.9
F8
4.3
13.1
1.9
E12
2.8
11.1
1.9
F12
4.3
13.1
1.9
FREQUENCY COEFFICIENT FOR RIPPLE CURRENT
FREQUENCY
120 Hz
 f < 1 kHz
1 kHz
 f < 10 kHz
10 kHz
 f < 100 kHz
100 kHz
 f < 500 kHz
COEFFICIENT
0.05
0.3
0.7
1
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
(μF)
CASE
CODE
MAX. ESR
(100 kHz
TO
300 kHz)
(m
)
RATED RIPPLE
CURRENT
ALLOWABLE
RIPPLE CURRENT
MAX.
TANGENT
OF LOSS
ANGLE
MAX.
LEAKAGE
CURRENT
(μA) (2)
PART NUMBER (1)
100 kHz (mA) (3)
105 °C <
Tx
 125 °C
Tx
 105 °C
10
56
C6
45
538
1700
0.12
112
94SVPD566X0010C6
16
82
E7
40
670
2120
0.12
262
94SVPD826X0016E7
25
10
C6
65
474
1500
0.10
50
94SVPD106X0025C6
22
E7
48
580
1835
0.10
110
94SVPD226X0025E7
39
F8
45
664
2100
0.10
195
94SVPD396X0025F8
47
E12
30
943
2980
0.12
235
94SVPD476X0025E12
82
F12
28
1202
3800
0.12
410
94SVPD826X0025F12
35
8.2
E7
70
400
1300
0.10
57
94SVPD825X0035E7
18
F8
60
550
1800
0.10
126
94SVPD186X0035F8
22
E12
50
700
2300
0.12
154
94SVPD226X0035E12
47
F12
30
1150
3650
0.12
329
94SVPD476X0035F12
a
b
c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com