Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVPD Datasheet(PDF) 10 Page - Vishay Siliconix

Part # SVPD
Description  SMD Aluminum Solid Capacitors with Conductive Polymer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SVPD Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button SVPD Datasheet HTML 5Page - Vishay Siliconix SVPD Datasheet HTML 6Page - Vishay Siliconix SVPD Datasheet HTML 7Page - Vishay Siliconix SVPD Datasheet HTML 8Page - Vishay Siliconix SVPD Datasheet HTML 9Page - Vishay Siliconix SVPD Datasheet HTML 10Page - Vishay Siliconix SVPD Datasheet HTML 11Page - Vishay Siliconix SVPD Datasheet HTML 12Page - Vishay Siliconix SVPD Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
94SVPD
www.vishay.com
Vishay OS-CON
Revision: 03-Aug-12
10
Document Number: 90022
For technical questions, contact: aluminumcaps4@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• n = 30 pieces
• V.P.S. test conditions: 230 °C x 75 s x 2 (V.P.S. = Vapor Phase Soldering method)
TYPICAL PARAMETERS
MODEL
TEST ITEM
TEST
TEMPERATURE
APPLIED VOLTAGE
TEST HUMIDITY
LOT. NUMBER
94SVPD476X0035F12
Damp heat (steady state)
(after V.P.S. test)
85 °C
35 V
85 %
7209A6544
Change in capacitance (120 Hz)
- 40
- 30
- 20
- 10
0
10
20
0
1000
Time (h)
Max.
Min.
Av.
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
0.11
0.12
0
1000
Time (h)
Tangent of loss angle (120 Hz)
Max.
Min.
Av.
0
1000
Time (h)
ESR (100 kHz)
0
20
40
60
80
100
120
140
160
180
200
Max.
Min.
Av.
Leakage current (35 V, 60 s)
0.01
0.1
1
10
100
1000
10 000
0
1000
Time (h)
Min.
Max.
Av.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com