Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVPD Datasheet(PDF) 12 Page - Vishay Siliconix

Part # SVPD
Description  SMD Aluminum Solid Capacitors with Conductive Polymer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SVPD Datasheet(HTML) 12 Page - Vishay Siliconix

Back Button SVPD Datasheet HTML 5Page - Vishay Siliconix SVPD Datasheet HTML 6Page - Vishay Siliconix SVPD Datasheet HTML 7Page - Vishay Siliconix SVPD Datasheet HTML 8Page - Vishay Siliconix SVPD Datasheet HTML 9Page - Vishay Siliconix SVPD Datasheet HTML 10Page - Vishay Siliconix SVPD Datasheet HTML 11Page - Vishay Siliconix SVPD Datasheet HTML 12Page - Vishay Siliconix SVPD Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
94SVPD
www.vishay.com
Vishay OS-CON
Revision: 03-Aug-12
12
Document Number: 90022
For technical questions, contact: aluminumcaps4@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RECOMMENDED REFLOW PROFILE
Vishay OS-CON has different characteristics against soldering heat from conventional aluminum electrolytic capacitors or
tantalum capacitors because of its unique materials and structure.
Please note the following points on soldering of Vishay OS-CON 94SVPD series to draw out the best performance.
Note
• All temperatures are measured on the topside of the Al-can and terminal surface.
Attention:
Reflow soldering may reduce the capacitance of products before or after soldering even if soldering conditions stipulated in
Recommended Reflow Condition are met. Though the actual reflow conditions are subject to change depending on the kind of
reflow soldering method, please be aware that the peak temperature at the top of Al-case and electrode terminals should not
exceed peak temperature. Particular notice should be given to the time that Vishay OS-CON is heated at 200 °C or higher during
reflow. Be aware that soldering considerably deviating from these conditions will cause problems such as a 50 % reduction in
capacitance, and a considerable increase in leakage current.
The leakage current value may increase (from a few μA to a few mA) even within the above conditions. When the Vishay OS-CON
is used in a DC circuit, the leakage current will decrease gradually through self-recovery after voltage is applied. If your reflow
profile (reflow temperature, number of reflows, etc.) deviates from the above conditions for mounting the 94SVPD series, please
consult with Vishay OS-CON.
ITEM
94SVPD SERIES
Peak temperature (max.)
250 °C
260 °C
Preheat
150 °C to 180 °C 90 ± 30 s
200 °C over time (max.)
60 s
60 s
220 °C over time (max.)
50 s
50 s
230 °C over time (max.)
40 s
40 s
Reflow number
Twice or less
Only 1 time
300
250
200
150
100
50
0
0
30
60
90
120
150
180
210
240
Preheating 150 °C to 180 °C
Duration at 230 °C or higher
Peak temperature
Duration at 200 °C or higher
Duration at 220 °C or higher



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com