Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC96877EP Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # MPC96877EP
Description  1.8 V PLL 1:10 Differential SDRAM Clock Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC96877EP Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button MPC96877EP Datasheet HTML 4Page - Renesas Technology Corp MPC96877EP Datasheet HTML 5Page - Renesas Technology Corp MPC96877EP Datasheet HTML 6Page - Renesas Technology Corp MPC96877EP Datasheet HTML 7Page - Renesas Technology Corp MPC96877EP Datasheet HTML 8Page - Renesas Technology Corp MPC96877EP Datasheet HTML 9Page - Renesas Technology Corp MPC96877EP Datasheet HTML 10Page - Renesas Technology Corp MPC96877EP Datasheet HTML 11Page - Renesas Technology Corp MPC96877EP Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
MPC96877
554
FREESCALE SEMICONDUCTOR ADVANCED CLOCK DRIVERS DEVICE DATA
TEST CIRCUIT AND SWITCHING WAVEFORMS
Figure 2. IBIS Model Output Load
Figure 3. Output Load Test Circuit 1
Figure 4. Output Load Test Circuit 2
CU877
60 Ω
60 Ω
GND
VDD
VDD/2
VCK
VCK
CU877
Z=60 Ω
L=2.97"
R=1MΩ
C=1pF
R=1MΩ
C=1pF
Z=60 Ω
L=2.97"
GND
GND
VDDQ
SCOPE
GND
CU877
Z=60 Ω
L=2.97"
R=1MΩ
C=10pF
R=1MΩ
C=10pF
Z=60 Ω
Z=50 Ω
R=10 Ω
R=10 Ω
Z=50 Ω
L=2.97"
VDDQ/2
Note: VTT = GND
VTT
-VDDQ/2
-VDDQ/2
-VDDQ/2
SCOPE
VTT
MPC96877
1.8 V PLL 1:10 Differential SDRAM Clock Driver
NETCOM
IDT™ 1.8 V PLL 1:10 Differential SDRAM Clock Driver
Freescale Timing Solutions Organization has been acquired by Integrated Device Technology, Inc
MPC96877
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com