Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC96877EP Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # MPC96877EP
Description  1.8 V PLL 1:10 Differential SDRAM Clock Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC96877EP Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button MPC96877EP Datasheet HTML 5Page - Renesas Technology Corp MPC96877EP Datasheet HTML 6Page - Renesas Technology Corp MPC96877EP Datasheet HTML 7Page - Renesas Technology Corp MPC96877EP Datasheet HTML 8Page - Renesas Technology Corp MPC96877EP Datasheet HTML 9Page - Renesas Technology Corp MPC96877EP Datasheet HTML 10Page - Renesas Technology Corp MPC96877EP Datasheet HTML 11Page - Renesas Technology Corp MPC96877EP Datasheet HTML 12Page - Renesas Technology Corp MPC96877EP Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
MPC96877
FREESCALE SEMICONDUCTOR ADVANCED CLOCK DRIVERS DEVICE DATA
555
TEST CIRCUIT AND SWITCHING WAVEFORMS (Continued)
Figure 6. Static Phase Offset
Figure 7. Output Skew
Figure 5. Cycle-to-Cycle Period Jitter
Yx, FBOUT
Yx, FBOUT
tjit(cc) = t cycle n - t cycle n+1
t cycle n+1
t cycle n
CK
CK
(N is a large number of samples)
t(ø) n
t(ø) n
∑
t(ø) =
t(ø) n+1
n=N
N
1
FBIN
FBIN
Yx
Yx
t sk(0)
Yx, FBOUT
Yx, FBOUT
MPC96877
1.8 V PLL 1:10 Differential SDRAM Clock Driver
NETCOM
IDT™ 1.8 V PLL 1:10 Differential SDRAM Clock Driver
Freescale Timing Solutions Organization has been acquired by Integrated Device Technology, Inc
MPC96877
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com