Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAW101S-Q Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # BAW101S-Q
Description  High voltage double diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAW101S-Q Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  BAW101S-Q Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAW101S-Q Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAW101S-Q Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAW101S-Q Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAW101S-Q Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAW101S-Q Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAW101S-Q Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAW101S-Q Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAW101S-Q Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Nexperia
BAW101S-Q
High voltage double diode
9. Thermal characteristics
Table 6. Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1]
-
-
357
K/W
Rth(j-sp)
thermal resistance from
junction to solder point
[2]
-
-
255
K/W
[1] Device mounted on an FR4 printed-circuit board, cathode-lead mounting pad = 1 cm².
[2] One or more diodes loaded.
10. Characteristics
Table 7. Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
V(BR)R
reverse breakdown
voltage
IR = 100 µA; Tj = 25 °C
300
-
-
V
VF
forward voltage
IF = 100 mA; tp = 300 µs; δ = 0.02;
pulsed; Tj = 25 °C
-
-
1.1
V
VR = 250 V; Tj = 25 °C
-
-
150
nA
IR
reverse current
VR = 250 V; Tamb = 150 °C
-
-
50
µA
Cd
diode capacitance
VR = 0 V; f = 1 MHz; Tj = 25 °C
-
-
2
pF
trr
reverse recovery time
IF = 30 mA; IR = 30 mA; RL = 100 Ω;
Tj = 25 °C; measured at IR = 3 mA
-
-
50
ns
600
IF
(mA)
0
200
400
mbg384
0
2
1
VF (V)
(1)
(3)
(2)
(1) Tj = 150 °C; typical values
(2) Tj = 25 °C; typical values
(3) Tj = 25 °C; maximum values
Fig. 2. Forward current as a function of forward
voltage
mbg703
10
1
102
IFSM
(A)
10- 1
tp (µs)
1
104
103
10
102
Based on square wave currents.
Tj(init) = 25 °C
Fig. 3. Non-repetitive peak forward current as a
function of pulse duration; maximum values
BAW101S-Q
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
14 September 2021
4 / 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com