Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAW101S-Q Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # BAW101S-Q
Description  High voltage double diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAW101S-Q Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  BAW101S-Q Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAW101S-Q Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAW101S-Q Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAW101S-Q Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAW101S-Q Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAW101S-Q Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAW101S-Q Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAW101S-Q Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAW101S-Q Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
BAW101S-Q
High voltage double diode
14 September 2021
Product data sheet
1. General description
The BAW101S is a high-speed switching diode array with two separate dice, fabricated in planar
technology and encapsulated in a small SOT363 Surface-Mounted Device (SMD) plastic package.
2. Features and benefits
• Small plastic SMD package
• High switching speed: max. 50 ns
• High continuous reverse voltage: 300 V
• Electrically insulated diodes
• Qualified according to AEC-Q101 and recommended for use in automotive applications
3. Applications
• High voltage switching
• Automotive
• Communication
4. Quick reference data
Table 1. Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
IF
forward current
single diode loaded
[1]
-
-
250
mA
VR
reverse voltage
-
-
300
V
trr
reverse recovery time
IF = 30 mA; IR = 30 mA; RL = 100 Ω;
Tj = 25 °C; measured at IR = 3 mA
-
-
50
ns
[1] Device mounted on an FR4 printed-circuit board, cathode-lead mounting pad = 1 cm².


Similar Part No. - BAW101S-Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAW101S-7 DIODES-BAW101S-7 Datasheet
97Kb / 4P
HIGH VOLTAGE DUAL SWITCHING DIODE
DS32177 Rev. 4 - 2
More results

Similar Description - BAW101S-Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAW101S PHILIPS-BAW101S Datasheet
72Kb / 10P
High voltage double diode
2003 May 13
logo
List of Unclassifed Man...
25Z6GT ETC2-25Z6GT Datasheet
107Kb / 2P
TWIN DIODE HIGH VACUUM RECTIFIER VOLTAGE DOUBLE
logo
Guangdong Kexin Industr...
BAW101S KEXIN-BAW101S Datasheet
42Kb / 2P
High Voltage Double Diode
logo
NXP Semiconductors
BAW101S NXP-BAW101S Datasheet
128Kb / 9P
High voltage double diode
2003 May 13
logo
Shenzhen Luguang Electr...
BAW101 LUGUANG-BAW101 Datasheet
160Kb / 5P
High Voltage Double Diode
logo
NXP Semiconductors
BAW101-215 PHILIPS-BAW101-215 Datasheet
136Kb / 9P
High voltage double diode
2003 May 13
BAW101 PHILIPS-BAW101_15 Datasheet
136Kb / 9P
High voltage double diode
2003 May 13
BAW101S PHILIPS-BAW101S_15 Datasheet
128Kb / 9P
High voltage double diode
2003 May 13
logo
Nexperia B.V. All right...
BAW101S NEXPERIA-BAW101S Datasheet
225Kb / 9P
High voltage double diode
1 October 2022
BAW101 NEXPERIA-BAW101 Datasheet
311Kb / 10P
High voltage double diode
2003 May 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com