Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE1V3225-110-R Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # ACE1V3225-110-R
Description  Automotive grade common-mode chip inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

ACE1V3225-110-R Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  ACE1V3225-110-R Datasheet HTML 1Page - Eaton All Rights Reserved. ACE1V3225-110-R Datasheet HTML 2Page - Eaton All Rights Reserved. ACE1V3225-110-R Datasheet HTML 3Page - Eaton All Rights Reserved. ACE1V3225-110-R Datasheet HTML 4Page - Eaton All Rights Reserved. ACE1V3225-110-R Datasheet HTML 5Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Technical Data 10985
Effective June 2021
ACE1V3225
Automotive grade common-mode chip inductor
www.eaton.com/electronics
Product specifications
Part number
Common-mode
impedance Z (Ω) at
10 MHz
Common-mode
inductance (μH) at
100 kHz
DCR (Ω)
@ +25 °
maximum
Idc (mA)
maximum
Rated voltage
(Vdc) typical
Insulation
resistance
(MΩ) minimum
ACE1V3225-110-R
300 minimum
500 typical
11+50%/-30%
0.40
300
80
10
ACE1V3225-220-R
500 minimum
1000 typical
22+50%/-30%
0.50
250
80
10
ACE1V3225-510-R
1000 minimum
2600 typical
51+50%/-30%
0.70
200
80
10
ACE1V3225-101-R
2200 minimum
5100 typical
100+50%/-30%
1.50
150
80
10
ACE1V3225-201-R
NA
200+30%/-20%
4.80
70
80
10
1. Part Number Definition: ACE1V3225-xxn-R
ACE1V3225 = Product code and size
xx= inductance value in uH,
n= multiplication factor: 10^n (i.e. 110 = 11 * 10^0 = 11 uH)
-R suffix = RoHS compliant
All soldering surfaces to be coplanar within 0.1 millimeters
Tolerances are ±0.1 millimeters unless stated otherwise
Pad layout dimensions are reference only
Traces or vias underneath the inductor is not recommended
Mechanical parameters, schematic, pad layout (mm)
Part number
A
B
C
D
E
F
L
H
G1
G2
ACE1V3225-xxn-R
3.2±0.2
2.5±0.2
2.5 max
0.2±0.1
0.9 typ
08 typ
3.7 typ
2.55 typ
1.9 typ
0.75 typ
Recommended pad layout
Equivalent circuit
A
B
C
D
E
E
FF
Terminations
Wires
Epoxy
1
2
3
4
No polarity



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com