Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE1V3225-110-R Datasheet(PDF) 5 Page - Eaton All Rights Reserved.

Part # ACE1V3225-110-R
Description  Automotive grade common-mode chip inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

ACE1V3225-110-R Datasheet(HTML) 5 Page - Eaton All Rights Reserved.

  ACE1V3225-110-R Datasheet HTML 1Page - Eaton All Rights Reserved. ACE1V3225-110-R Datasheet HTML 2Page - Eaton All Rights Reserved. ACE1V3225-110-R Datasheet HTML 3Page - Eaton All Rights Reserved. ACE1V3225-110-R Datasheet HTML 4Page - Eaton All Rights Reserved. ACE1V3225-110-R Datasheet HTML 5Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Eaton
Electronics Division
1000 Eaton Boulevard
Cleveland, OH 44122
United States
Eaton.com/electronics
© 2021 Eaton
All Rights Reserved
Printed in USA
Publication No. 10985
June 2021
Technical Data 10985
Effective June 2021
ACE1V3225
Automotive grade common-mode chip inductor
Life Support Policy: Eaton does not authorize the use of any of its products for use in life support devices or systems without the express written
approval of an officer of the Company. Life support systems are devices which support or sustain life, and whose failure to perform, when properly used
in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user.
Eaton reserves the right, without notice, to change design or construction of any products and to discontinue or limit distribution of any products. Eaton also
reserves the right to change or update, without notice, any technical information contained in this bulletin.
Solder reflow profile
Table 1 - Standard SnPb solder (Tc)
Package
thickness
Volume
mm3
<350
Volume
mm3
≥350
<2.5 mm)
235 °C
220 °C
≥2.5 mm
220 °C
220 °C
Table 2 - Lead (Pb) free solder (Tc)
Package
thickness
Volume
mm3
<350
Volume
mm3
350 - 2000
Volume
mm3
>2000
<1.6 mm
260 °C
260 °C
260 °C
1.6 – 2.5 mm
260 °C
250 °C
245 °C
>2.5 mm
250 °C
245 °C
245 °C
Eaton is a registered trademark.
All other trademarks are property
of their respective owners.
Follow us on social media to get the
latest product and support information.
Reference J-STD-020
Profile feature
Standard SnPb solder
Lead (Pb) free solder
Preheat and soak • Temperature min. (Tsmin)
100 °C
150 °C
• Temperature max. (Tsmax)
150 °C
200 °C
• Time (Tsmin to Tsmax) (ts)
60-120 seconds
60-120 seconds
Ramp up rate TL to Tp
3 °C/ second max.
3 °C/ second max.
Liquidous temperature (Tl)
Time (tL) maintained above T
L
183 °C
60-150 seconds
217 °C
60-150 seconds
Peak package body temperature (TP)*
Table 1
Table 2
Time (tp)* within 5 °C of the specified classification temperature (Tc)
20 seconds*
30 seconds*
Ramp-down rate (Tp to TL)
6 °C/ second max.
6 °C/ second max.
Time 25 °C to peak temperature
6 minutes max.
8 minutes max.
* Tolerance for peak profile temperature (Tp) is defined as a supplier minimum and a user maximum.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com