Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE1V2012-222-R Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # ACE1V2012-222-R
Description  Automotive grade common-mode chip inductor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

ACE1V2012-222-R Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  ACE1V2012-222-R Datasheet HTML 1Page - Eaton All Rights Reserved. ACE1V2012-222-R Datasheet HTML 2Page - Eaton All Rights Reserved. ACE1V2012-222-R Datasheet HTML 3Page - Eaton All Rights Reserved. ACE1V2012-222-R Datasheet HTML 4Page - Eaton All Rights Reserved. ACE1V2012-222-R Datasheet HTML 5Page - Eaton All Rights Reserved. ACE1V2012-222-R Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Technical Data 10984
Effective October 2020
Supersedes November 2019
ACE1V2012
Automotive grade common-mode chip inductor
Product features
•
AEC-Q200 qualified
•
0805 (2012 metric) package
•
Impedance range from 90 ohms to 2200 ohms
•
Moisture sensitivity level (MSL): 1
Applications
•
Controller area network (CAN)
•
Ethernet architectures
•
Automotive signal line filter
•
Advanced driver assistance systems (ADAS)
•
Infotainment, safety cameras, sensors,
xEV, Powertrain
•
Engine control unit (ECU)
•
Electric power steering system (EPS)
•
Battery management systems (BMS)
Environmental compliance and general
specifications
•
Operating temperature range: -40 °C to +105 °C
(ambient plus self-temperature rise)
•
Solder reflow temperature:
J-STD-020 (latest revision) compliant
Pb
HALOGEN
HF
FREE


Similar Part No. - ACE1V2012-222-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
ACE1V3225 EATON-ACE1V3225 Datasheet
2Mb / 5P
Automotive grade common-mode chip inductor
June 2021
ACE1V3225-101-R EATON-ACE1V3225-101-R Datasheet
2Mb / 5P
Automotive grade common-mode chip inductor
June 2021
ACE1V3225-110-R EATON-ACE1V3225-110-R Datasheet
2Mb / 5P
Automotive grade common-mode chip inductor
June 2021
ACE1V3225-201-R EATON-ACE1V3225-201-R Datasheet
2Mb / 5P
Automotive grade common-mode chip inductor
June 2021
ACE1V3225-220-R EATON-ACE1V3225-220-R Datasheet
2Mb / 5P
Automotive grade common-mode chip inductor
June 2021
More results

Similar Description - ACE1V2012-222-R

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-14113 RHOMBUS-IND-L-14113 Datasheet
39Kb / 1P
Common Mode Inductor
3/20/01
logo
Bourns Electronic Solut...
SRF2012A-801Y BOURNS-SRF2012A-801Y Datasheet
343Kb / 3P
Common Mode Chip Inductor
SRF3225AB BOURNS-SRF3225AB Datasheet
654Kb / 3P
Common Mode Chip Inductor
SRF3225TAC BOURNS-SRF3225TAC Datasheet
576Kb / 4P
Common Mode Chip Inductor
SRF3225TABM BOURNS-SRF3225TABM Datasheet
548Kb / 3P
SRF3225TABM Series – Common Mode Chip Inductor
06/21
SRF3225TAFD BOURNS-SRF3225TAFD Datasheet
531Kb / 3P
SRF3225TAFD Series – Common Mode Chip Inductor
06/21
SRF4530AG BOURNS-SRF4530AG Datasheet
651Kb / 4P
SRF4530AG - Common Mode Chip Inductor
07/20
logo
Eaton All Rights Reserv...
ACE1V3225 EATON-ACE1V3225 Datasheet
2Mb / 5P
Automotive grade common-mode chip inductor
June 2021
ACE1V4532 EATON-ACE1V4532 Datasheet
1Mb / 5P
Automotive grade common-mode chip inductor
November 2019
ACE2V3225 EATON-ACE2V3225 Datasheet
910Kb / 5P
Automotive grade common-mode chip inductor
October 2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com