Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE1V2012-222-R Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # ACE1V2012-222-R
Description  Automotive grade common-mode chip inductor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

ACE1V2012-222-R Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  ACE1V2012-222-R Datasheet HTML 1Page - Eaton All Rights Reserved. ACE1V2012-222-R Datasheet HTML 2Page - Eaton All Rights Reserved. ACE1V2012-222-R Datasheet HTML 3Page - Eaton All Rights Reserved. ACE1V2012-222-R Datasheet HTML 4Page - Eaton All Rights Reserved. ACE1V2012-222-R Datasheet HTML 5Page - Eaton All Rights Reserved. ACE1V2012-222-R Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Technical Data 10984
Effective October 2020
ACE1V2012
Automotive grade common-mode chip inductor
www.eaton.com/electronics
Product specifications
Part number
Common-mode
impedance Z (Ω) at
100 MHz
DCR (Ω)
@ +25 °C
maximum
Idc (mA)
maximum
Rated voltage
(Vdc) typical
Insulation
resistance
(MΩ)
minimum
Withstanding
voltage (Vdc)
typical
ACE1V2012-900-R
90 ±25%
0.3
400
50
10
125
ACE1V2012-121-R
120 ±25%
0.3
370
50
10
125
ACE1V2012-201-R
200 ±25%
0.35
330
50
10
125
ACE1V2012-361-R
360 ±25%
0.4
280
50
10
125
ACE1V2012-681-R
680 ±25%
0.8
220
50
10
125
ACE1V2012-102-R
1000 ±25%
1.5
190
50
10
125
ACE1V2012-222-R
2200 ±25%
2.0
150
50
10
125
1. Part Number Definition: ACE1V2012-xxn-R
ACE1V2012 = Product code and size
xx= impedance value in ohms,
n= multiplication factor: 10^n (i.e. 900 = 90 * 10^0 = 90 ohms)
-R suffix = RoHS compliant
All soldering surfaces to be coplanar within 0.1 millimeters
Tolerances are ±0.1 millimeters unless stated otherwise
Pad layout dimensions are reference only
Traces or vias underneath the inductor is not recommended
Mechanical parameters, schematic, pad layout (mm)
Part Number
A
B
C
D
E
F
ACE1V2012-xxn-R
2.0 ±0.2
1.2 ±0.2
1.2 ±0.2
0.2 ±0.1
0.40 typ
0.45 typ
Recommended pad layout
Equivalent circuit
A
B
C
D
E
E
FF
Terminations
Wires
Epoxy
1
2
3
4
No polarity



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com