Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B360AM Datasheet(PDF) 2 Page - Diodes Incorporated

Part # B360AM
Description  3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B360AM Datasheet(HTML) 2 Page - Diodes Incorporated

  B360AM Datasheet HTML 1Page - Diodes Incorporated B360AM Datasheet HTML 2Page - Diodes Incorporated B360AM Datasheet HTML 3Page - Diodes Incorporated B360AM Datasheet HTML 4Page - Diodes Incorporated B360AM Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
B360AM
Document number: DS37251 Rev. 2 - 2
2 of 5
www.diodes.com
February 2015
© Diodes Incorporated
B360AM
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
60
V
Average Rectified Output Current
@ TT = +100°C
IO
3.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
80
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Typical Thermal Resistance, Junction to Ambient (Note 5)
RθJA
100
°C/W
Typical Thermal Resistance, Junction to Lead (Note 5)
RθJL
30
°C/W
Operating Temperature Range
TJ
-55 to +150
°C
Storage Temperature Range
TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Forward Voltage Drop
VF
0.60
0.70
V
IF = 3.0A, TA = +25°C
IF = 3.0A, TA = +125°C
0.54
Leakage Current (Note 6)
IR
0.003
0.10
mA
VR = 60V, TA = +25°C
2.4
VR = 60V, TA = +125°C
Total Capacitance
CT
130
pF
VR = 4V, f = 1MHz
Notes:
5. Device mounted on FR-4 PCB, 1* 1 sq. inch, 2 oz Cu single-side with 0.1 * 0.15 sq. inch copper pad.
6. Short duration pulse test used to minimize self-heating effect.
V INSTANTANEOUS FORWARD VOLTAGE (V)
F
Figure 1 Typical Forward Characteristics
0.01
0.1
1
10
100
0.2
0.4
0.6
0.8
1.0
T = 85°C
A
T = -55°C
A
T = 125°C
A
T = 150°C
A
T = 25°C
A
T = 100°C
A
Figure 2 Typical Reverse Characteristics
V , PERCENT OF RATED REVERSE VOLTAGE (V)
R
0.001
0.01
0.1
1
10
T = 100°C
A
100
20
40
60
80
100
T = 25°C
A
T = 150°C
A
T = 85°C
A
T = 125°C
A
0.0001



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com