Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B360AM Datasheet(PDF) 3 Page - Diodes Incorporated

Part # B360AM
Description  3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B360AM Datasheet(HTML) 3 Page - Diodes Incorporated

  B360AM Datasheet HTML 1Page - Diodes Incorporated B360AM Datasheet HTML 2Page - Diodes Incorporated B360AM Datasheet HTML 3Page - Diodes Incorporated B360AM Datasheet HTML 4Page - Diodes Incorporated B360AM Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
B360AM
Document number: DS37251 Rev. 2 - 2
3 of 5
www.diodes.com
February 2015
© Diodes Incorporated
B360AM
Figure 3 Total Capacitance vs. Reverse Voltage
V , DC REVERSE VOLTAGE (V)
R
0
100
200
300
400
500
0
1
10
100
f = 1MHz
T = 25°C
j
t1, PULSE DURATION TIME (s)
Figure 4 Single Pulse Maximum Power Dissipation
0
50
100
150
200
250
300
350
400
450
500
0.0001
0.01
1
100
10000
Single Pulse
Rthja(t)=Rthja * r(t)
Tj-Ta=P * Rthja (t)
t1, PULSE DURATION TIME (sec)
Figure 5 Transient Thermal Resistance
D = 0.005
D = 0.1
D = 0.01
D = 0.7
D = 0.5
Single Pulse
D = 0.3
D = 0.02
0.001
0.01
0.1
1
0.001
0.01
0.1
1
10
100
1000
10000
Rthja(t)=r(t) * Rthja
Duty Cycle, D=t1 / t2
D = 0.05
D = 0.9



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com