Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FWA-1010VC Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # FWA-1010VC
Description  Tabletop Network Appliance with Intel® Atom™ Processor C2000 for universal vCPE and SD-WAN
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

FWA-1010VC Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  FWA-1010VC Datasheet HTML 1Page - Advantech Co., Ltd. FWA-1010VC Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Rear Panel External I/O Mechanical Layout/Drawing
Ordering Information
Ordering Information
CPU
CPU Core
count
Socket/ Bracket
RJ45 1GbE
SFP
DC Input
Wireless Kit
Part No.
DDR3 2.5" SSD M.2 2280 M.2 2232
(PCIe/USB)
Full Size
MiniPCIe
Mini SIM
WLAN Module
(EWM-W162M)
WLAN
Antenna
WWAN Module
(MC7455)
WWAN
Antenna
FWA-1010VC-4CA2S
Atom C2558 4
2
N/A
1
1
1
1
5
2
1
N/A
N/A
N/A
N/A
FWA-1010VC-8CA2S
Atom C2758 8
2
1
1
1
1
1
5
2
1
N/A
N/A
N/A
N/A
FWA-1010VCR-8CA2S
Atom C2758 8
2
1
1
N/A
N/A
1
5
2
1
1
2
1
2
Packing List
Part Number
Description
193000688-01
M.2 SSD screws (2pcs)
XADN-FSP060-DHAN3
ADP A/D 100-240V 60W 12V C14 DC PLUG
FWA-1010VC
Dimensions
Wall-Mount
Rack-Mount
Unit: mm
Power Switch
2x RJ45
USB 2.0
2x SFP
DC Input
Console
5x RJ45
Front Panel External I/O Mechanical Layout/Drawing
Power
HDD
3G/4G Antenna
3G/4G
WiFi antenna
WiFi Software-defined button
Software-defined LED
Optional Accessories
Part Number
Description
1700018950
Console cable
98923260H0E
TPM1.2 Module
FWA-1010VC-RMT
Rack-mount kit
FWA-1010VC-WMT
Wall-mount kit
FWA-1010VC-WWANNote
LTE 4G module kit for NA and EU (Sierra/MC7455 with antenna)
FWA-1010VC-WWAN2Note
LTE 4G module kit for APAC (Sierra/MC7430 with antenna)
FWA-1010VC-WLAN
WiFi module kit (Advantech/EWM-W162M with antenna
1702002600
Power cord 3P 180 cm, USA
1702002605
Power cord 3P 180 cm, Europe
1702031801
Power cord 3P 180 cm, UK
1700000237
Power cord 3P 180 cm, JP
1700009652
Power cord 3P 180 cm, China
1700025855-01
Power cord 3P 180 cm, India
1700025112-01
Power cord 3P 180 cm, Brazil
1700022938-01
Power cord 3P 300 cm, Korea
1700020098
Power cord 3P 180cm, Australia
1700024848-01
Power cord 3P 180cm, Taiwan
Note: Please contact your Advantech representative for details
250
268
280
6
4
2
Detail A
Scale 2:1
78
42
115
465
479
7
10
Detail A
Scale 2:1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com