Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FWA-1010VC Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # FWA-1010VC
Description  Tabletop Network Appliance with Intel® Atom™ Processor C2000 for universal vCPE and SD-WAN
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

FWA-1010VC Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  FWA-1010VC Datasheet HTML 1Page - Advantech Co., Ltd. FWA-1010VC Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Network Appliances
Features
ƒ Compliant with FCC and CE RED for deployable WWAN and WLAN function
in North America and Europe
ƒ Industry-standard, off-the-shelf x86 server platform for remote office, and
small to medium enterprise installations
ƒ Dual 1GbE RJ45 or SFP auto-negotiation link for WAN connectivity
ƒ Enhanced design to optimize system performance by integrated offload
technology
ƒ Optional 3G, 4G LTE and WiFi connectivity for flexible deployment
ƒ Tested and Certified by key software vendors for universal vE-CPE and
SD-WAN roll-out
FWA-1010VC
Tabletop Network Appliance with
Intel® Atom™ Processor C2000 for
universal vCPE and SD-WAN
Specifications
FWA-1010VC-4CA2S
FWA-1010VC-8CA2S
FWA-1010VCR-8CA2S
Form Factor
Tabletop
Processor System Note
Processor
Intel® Atom™ Processor C2558
Intel® Atom™ Processor C2758
Core Number
4
8
Frequency
2.4GHz
L2 Cache
2MB
4MB
BIOS
AMI EFI 64Mbit
Virtualization
VT-x
Memory
Technology
DDR3/DDR3L 1600MHz
Max. Capacity
32GB (16GB per socket)
Socket
2 x 240-pin UDIMM
ECC Support
ECC or Non-ECC
Networking
Controller
3 x Marvell 88E1112
1 x Marvell 88E6141
1GbE
2 x 1000/100/10BASE-T RJ45 or SFP auto-negotiation link by Marvell 88E1112
1 x 1000/100/10BASE-T RJ45 by Marvell 88E1112
4 x 1000/100/10BASE-T RJ45 by Marvell 88E6141 with 1GbE uplink to CPU
Expansion
Mini PCIe
1 x Full-size Mini PCIe with SIM holder for 3G/4G LTE (WWAN) module with 2 x antenna holes
Sierra/MC7455 with Antenna;
Sierra/MC7430 is optional by project support
SIM socket
1 x Mini SIM type (25 x 15 mm)
M.2
1 x M.2 2232 for WiFi (WLAN) module with 2 x antenna holes
Advantech/EWM-W162M with antenna
Storage
2.5" SSD
None
1 x 2.5" SATA3.0 Gen3 SSD bracket (Max 9.5mm height only)
M.2
1 x SATA3.0 Gen3 M.2 2280 (option 2x M.2 2242)
I/O
Console port
1
USB2.0
1 x USB2.0 Type A host port
LED Indicator
Power, HDD, 3G/4G LTE, WiFi, SW defined status
Others
1 x Power Switch
1 x Software definable button with LED indicator
TPM1.2
Optional support by TPM module: 98923260H0E
Power Supply
Power Type
DC
Watts
60W
Input
100 V ~ 240 V
Connector
DC Jack
Power Adaptor
12V 5A, 60W external adaptor
Environment
Operating Temperature (air flow 0.7 m/sec)
0 ~ 40 °C (32 ~ 104 °F)
Non-operating Temperature
-20 ~ 80 °C (-4 ~ 167 °F)
Humidity
95% @ 40 °C (non-condensing)
Vibration Resistance
with SSD: 0.3 Grms, IEC 60068-2-64, 5-500Hz, 1hr/axis
Shock Protection
with SSD: 10G, IEC-60068-2-27, half sine, 11ms duration
Cooling
1 x system FAN with smart FAN for maximum 37.5dB(A)
Mechanical
Construction
Iron
Mounting
Support desktop/Rack/Wall-mounting options
Dimensions (W x H x D)
250 x 44 x 190.4 mm (9.8" x 1.7" x 7.5")
Weight
2.3 Kg (4.8lb)
OS support
Linux (CentOS, Red Hat, Ubuntu)
Advantech S/W Packages
QuickStart Linux Image
(Ubuntu based reference BSP)
afru, lmsensors, flashrom, WiFi drivers, QMI Wireless drivers, Intel® DPDK, Intel® QAT, DUI (Offline Diagnostics)
Individual Package
DUI (Offline Diagnostics)
Certification
without RF
EMC
BSMI: CNS13438 ; CE: EN55032/24 ClassB ; KCC: KN55032/35 ; RCM: AS/NZS CISPR32
Safety
UL, CB, BIS, BSMI, CCC
with RF
EMC
CE: ETSI EN 301 908-1 V11.1.1: 2016 ; ETSI EN 300 328 V2.1.1: 2016 ; ETSI EN 301 893 V2.1.1: 2017 ; EN 62311: 2008;
EN301489-1-17-52 ; EN301908-2 ; EN301908-13
FCC: Part22H & 24E & 27B, C & L & 90S ; §15.247, Cat: DTS ; §15.407
Safety
UL: 60950-1 (2nd Edition), CAN/CSA C22.2 No. 60950-1-07 (2nd Edition)
LVD: EN 60950-1
CB: IEC 60950-1:2005 (2nd Edition) + Am 1:2009 + Am 2:2013, EN 60950-1:2006 /A11:2009/A1:2010/A12:2011/ A2:2013
RoHS
RoHS, REACH, WEEE
Note: Please contact your Advantech representative for other Atom C2000 processor support
NEW
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice.
Last updated: 9-Sep-2020


Similar Part No. - FWA-1010VC

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
FWA-1011 ADVANTECH-FWA-1011 Datasheet
506Kb / 2P
Tabletop Network Appliance with Intel Celeron짰 J3455/J3355 processor Platform with 6GbE LAN Ports
8-Apr-2019
FWA-1011F-4C00E ADVANTECH-FWA-1011F-4C00E Datasheet
506Kb / 2P
Tabletop Network Appliance with Intel Celeron짰 J3455/J3355 processor Platform with 6GbE LAN Ports
8-Apr-2019
FWA-1011W-2C00E ADVANTECH-FWA-1011W-2C00E Datasheet
506Kb / 2P
Tabletop Network Appliance with Intel Celeron짰 J3455/J3355 processor Platform with 6GbE LAN Ports
8-Apr-2019
FWA-1012VC ADVANTECH-FWA-1012VC Datasheet
608Kb / 2P
Universal Network Appliance with Intel짰 Atom??Processor C3000 for Processor C3000 for
8-Apr-2019
FWA-1012VC-2CA1S ADVANTECH-FWA-1012VC-2CA1S Datasheet
608Kb / 2P
Universal Network Appliance with Intel짰 Atom??Processor C3000 for Processor C3000 for
8-Apr-2019
More results

Similar Description - FWA-1010VC

ManufacturerPart #DatasheetDescription
logo
Lanner All Rights Reser...
NCA-1210 LANNER-NCA-1210 Datasheet
412Kb / 2P
Compact x86 Desktop Network Appliance with Intel Atom C2000 SoC CPU
logo
Advantech Co., Ltd.
FWA-1013 ADVANTECH-FWA-1013 Datasheet
762Kb / 2P
Universal Network Appliance with Intel Atom® P5300/C5300 Processor for uCPE/SD-WAN and NGFW
27-Mar-2023
FWA-1320 ADVANTECH-FWA-1320 Datasheet
453Kb / 2P
Tabletop Network Appliance with Intel® Atom™ Processor C2000 for vE-CPE and Network Applications
3-May-2018
FWA-2112 ADVANTECH-FWA-2112 Datasheet
740Kb / 3P
1U Network Appliance with Intel Atom® C3000 Processor for SD-WAN, uCPE and Network Applications Processor
21-Dec-2021
FWA-2320 ADVANTECH-FWA-2320 Datasheet
421Kb / 2P
1U Rackmount Network Appliance with Intel® Atom™ Processor C2000 for vE-CPE and Network Applications
9-Jun-2017
FWA-5072 ADVANTECH-FWA-5072 Datasheet
958Kb / 2P
1U Rackmount Network Appliance with 4th Generation Intel® Xeon® Scalable Processor for NFV and SD-WAN
16-Feb-2023
FWA-T011 ADVANTECH-FWA-T011 Datasheet
434Kb / 2P
Tiny Network Appliance with Intel® Celeron® J3355/J3455 for Entry Level SD-WAN and Security Gateway
9-Dec-2022
logo
AAEON Technology
FWS-2360 AAEON-FWS-2360 Datasheet
255Kb / 2P
Desktop Network Appliance with Intel® Atom® Processor C3000 Series
FWS-2365 AAEON-FWS-2365 Datasheet
362Kb / 2P
Desktop Network Appliance with Intel® Atom® Processor C3000 series
2022/04/12
FWS-7360 AAEON-FWS-7360 Datasheet
382Kb / 2P
1U Rackmount 7 LAN Network Appliance with Intel® Atom™ C3758 Processor SoC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com