Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV70T Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BAV70T
Description  High-speed double diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAV70T Datasheet(HTML) 2 Page - NXP Semiconductors

  BAV70T Datasheet HTML 1Page - NXP Semiconductors BAV70T Datasheet HTML 2Page - NXP Semiconductors BAV70T Datasheet HTML 3Page - NXP Semiconductors BAV70T Datasheet HTML 4Page - NXP Semiconductors BAV70T Datasheet HTML 5Page - NXP Semiconductors BAV70T Datasheet HTML 6Page - NXP Semiconductors BAV70T Datasheet HTML 7Page - NXP Semiconductors BAV70T Datasheet HTML 8Page - NXP Semiconductors BAV70T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1997 Dec 19
2
Philips Semiconductors
Product specification
High-speed double diode
BAV70T
FEATURES
• Very small plastic SMD package
• High switching speed: max. 4 ns
• Continuous reverse voltage:
max. 75 V
• Repetitive peak reverse voltage:
max. 85 V
• Repetitive peak forward current:
max. 500 mA.
APPLICATIONS
• High-speed switching in e.g.
surface mounted circuits.
DESCRIPTION
Two high-speed switching diodes in a
common cathode configuration,
fabricated in planar technology, in a
very small rectangular SMD SOT416
(SC-75) package.
PINNING
PIN
DESCRIPTION
1
anode 1
2
anode 2
3
common cathode
Fig.1 Simplified outline (SOT416; SC-75) and symbol.
Marking code: A4.
handbook, halfpage
12
3
MAM368
3
12
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Per diode (unless otherwise specified)
VRRM
repetitive peak reverse voltage
−
85
V
VR
continuous reverse voltage
−
75
V
IF
continuous forward current
Ts =90 °C; see Fig.2
single diode loaded
−
150
mA
both diodes loaded
−
75
mA
IFRM
repetitive peak forward current
−
500
mA
IFSM
non-repetitive peak forward current
square wave; Tj =25 °C prior to
surge; see Fig.4
t=1
µs
−
4A
t=1ms
−
1A
t=1s
−
0.5
A
Ptot
total power dissipation
Ts =90 °C; one diode loaded
−
170
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com