Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV70T Datasheet (PDF) - NXP Semiconductors

BAV70T Datasheet PDF - NXP Semiconductors
Part # BAV70T
Download  BAV70T Download
File Size   72.95 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description High-speed double diode

BAV70T Datasheet (PDF)

Go To PDF Page Download Datasheet
BAV70T Datasheet PDF - NXP Semiconductors

Part # BAV70T
Download  BAV70T Click to download

File Size   72.95 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description High-speed double diode

BAV70T Datasheet (HTML) - NXP Semiconductors


BAV70T Product details

DESCRIPTION
Two high-speed switching diodes in a common cathode configuration, fabricated in planar technology, in a very small rectangular SMD SOT416 (SC-75) package.

FEATURES
• Very small plastic SMD package
• High switching speed: max. 4 ns
• Continuous reverse voltage: max. 75 V
• Repetitive peak reverse voltage: max. 85 V
• Repetitive peak forward current: max. 500 mA.

APPLICATIONS
• High-speed switching in e.g. surface mounted circuits.




Similar Part No. - BAV70T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAV70T DIODES-BAV70T Datasheet
200Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30260 Rev. 3 - 2
logo
Infineon Technologies A...
BAV70T INFINEON-BAV70T Datasheet
479Kb / 7P
Silicon Switching Diode
Mar-10-2004
logo
Weitron Technology
BAV70T WEITRON-BAV70T Datasheet
265Kb / 3P
Surface Mount Switching Diodes
logo
Diodes Incorporated
BAV70T DIODES-BAV70T Datasheet
90Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30260 Rev. 7 - 2
logo
NXP Semiconductors
BAV70T PHILIPS-BAV70T Datasheet
66Kb / 9P
High-speed double diode
2004 Feb 04
More results


Similar Description - BAV70T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS300 PHILIPS-1PS300 Datasheet
52Kb / 8P
High-speed double diode
1999 May 26
1PS301 PHILIPS-1PS301 Datasheet
52Kb / 8P
High-speed double diode
1999 May 06
BAV70W PHILIPS-BAV70W Datasheet
58Kb / 12P
High-speed double diode
1999 May 05
logo
Guangdong Kexin Industr...
BAS28 KEXIN-BAS28 Datasheet
40Kb / 2P
High-Speed Double Diode
KAV70 KEXIN-KAV70 Datasheet
74Kb / 3P
High-Speed Double Diode
logo
NXP Semiconductors
1PS300 NXP-1PS300 Datasheet
127Kb / 8P
High-speed double diode
1996 Oct 04
logo
Shenzhen Luguang Electr...
BAS56 LUGUANG-BAS56 Datasheet
281Kb / 4P
High-speed Double Diode
logo
NXP Semiconductors
BAV74 PHILIPS-BAV74_15 Datasheet
133Kb / 9P
High-speed double diode
2004 Jan 14
logo
Micro Commercial Compon...
BAS28 MCC-BAS28 Datasheet
376Kb / 3P
High-Speed Double Diode
logo
Nexperia B.V. All right...
PMBD7100 NEXPERIA-PMBD7100 Datasheet
320Kb / 11P
High-speed double diode
2003 Nov 07
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com