Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3100B Datasheet(PDF) 2 Page - Diodes Incorporated

Part # B3100B
Description  3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B3100B Datasheet(HTML) 2 Page - Diodes Incorporated

  B3100B Datasheet HTML 1Page - Diodes Incorporated B3100B Datasheet HTML 2Page - Diodes Incorporated B3100B Datasheet HTML 3Page - Diodes Incorporated B3100B Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
B370B - B3100B
Document number: DS35899 Rev. 2 - 2
2 of 4
www.diodes.com
May 2012
© Diodes Incorporated
B370B - B3100B
Maximum Ratings @TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
B370B
B380B
B390B
B3100B
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
70
80
90
100
V
Average Rectified Output Current
@ TT =100°C
IO
3.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
single half sine-wave superimposed on rated load
IFSM
80
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Typical Thermal Resistance, Junction to Terminal (Note 5)
RθJT
20
°C/W
Typical Thermal Resistance, Junction to Ambient
RθJA
76
°C/W
Operating Temperature Range
TJ
-55 to +150
°C
Storage Temperature Range
TSTG
-55 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Forward Voltage Drop
B370B, B380B, B390B
B3100B
VF
-
-
-
-
0.82
0.67
V
IF = 3.0A, TA = 25°C
IF = 3.0A, TA = 125°C
Leakage Current (Note 6)
IR
-
-
-
-
0.2
20
mA
@ Rated VR, TA = 25°C
@ Rated VR, TA = 125°C
-
-
Notes:
5. Thermal Resistance: Junction to terminal, Device mounted on FR-4 substrate, 1"*1", 2oz, single-sided, PC boards with 0.1"*0.15" copper pad.
6. Short duration pulse test used to minimize self-heating effect.
0.2
0.4
0.6
0.8
1.2
1.4
1.6
1.8
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
1.0
0
I
AVERAGE FORWARD CURRENT (A)
Fig. 1 Forward Power Dissipation
F(AV)
0.2
0.4
0.6
0.8
1.0
0.01
0.1
1
10
100
Fig. 2 Typical Forward Characteristics
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
T = 25°C
A
T = 75°C
A
T = 100°C
A
T = 125°C
A
T = 150°C
A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com