Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3100B Datasheet(PDF) 3 Page - Diodes Incorporated

Part # B3100B
Description  3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B3100B Datasheet(HTML) 3 Page - Diodes Incorporated

  B3100B Datasheet HTML 1Page - Diodes Incorporated B3100B Datasheet HTML 2Page - Diodes Incorporated B3100B Datasheet HTML 3Page - Diodes Incorporated B3100B Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
B370B - B3100B
Document number: DS35899 Rev. 2 - 2
3 of 4
www.diodes.com
May 2012
© Diodes Incorporated
B370B - B3100B
0.0001
20
40
60
80
100
Fig. 3 Typical Reverse Characteristics
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
0.001
0.01
0.1
1
10
100
T = 25°C
A
T = 75°C
A
T = 100°C
A
T = 125°C
A
T = 150°C
A
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Fig. 4 Forward Current Derating Curve
25
50
75
100
125
150
T , TERMINAL TEMPERATURE (°C)
T
Note 5
Package Outline Dimensions
Suggested Pad Layout
SMB
Dim
Min
Max
A
3.30
3.94
B
4.06
4.57
C
1.96
2.21
D
0.15
0.31
E
5.00
5.59
G
0.05
0.20
H
0.76
1.52
J
2.00
2.50
All Dimensions in mm
Dimensions
Value (in mm)
Z
6.8
G
1.8
X
2.3
Y
2.5
C
4.3
A
B
C
D
G
H
E
J



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com