Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C0603X393DGGALTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C0603X393DGGALTU
Description  High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500 – 10,000 VDC (Commercial Grade)
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0603X393DGGALTU Datasheet(HTML) 1 Page - Kemet Corporation

  C0603X393DGGALTU Datasheet HTML 1Page - Kemet Corporation C0603X393DGGALTU Datasheet HTML 2Page - Kemet Corporation C0603X393DGGALTU Datasheet HTML 3Page - Kemet Corporation C0603X393DGGALTU Datasheet HTML 4Page - Kemet Corporation C0603X393DGGALTU Datasheet HTML 5Page - Kemet Corporation C0603X393DGGALTU Datasheet HTML 6Page - Kemet Corporation C0603X393DGGALTU Datasheet HTML 7Page - Kemet Corporation C0603X393DGGALTU Datasheet HTML 8Page - Kemet Corporation C0603X393DGGALTU Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
C1070_C0G_HV_FT-CAP_SMD • 2/28/2023
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Built Into Tomorrow
Benefits
• Operating temperature range of −55°C to +125°C
• Superior flex performance (up to 5 mm)
• Capacitance offerings ranging from 1 pF to 120 nF
• DC voltage ratings of 500 V, 630 V, 1 KV, 1.5 KV, 2 KV, 2.5 KV,
3 KV and 10KV
• EIA 0603, 0805, 1206, 1210, 1808, 1812, 1825, 2220 and 2225
• Extremely low ESR and ESL
• High ripple current capability
• No capacitance shift with voltage
• Negligible capacitance shift with respect to temperature
• No piezoelectric noise
• Lead (Pb)-Free, RoHS and REACH compliant
Applications
• High frequency power converters
• Wide bandgap (WBG), silicon carbide (SiC) and gallium nitride (GaN) systems
• Snubber (high dV/dT)
• Resonant circuits (LLC, Wireless Charging, etc)
• Timing
• Filtering
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
High Voltage with Flexible Termination System (HV FT-CAP),
C0G Dielectric, 500 – 10,000 VDC (Commercial Grade)
Overview
KEMET’s High Voltage with Flexible Termination (HV FT-
CAP) surface mount MLCCs in C0G dielectric address the
primary failure mode of MLCCs–flex cracks. These devices
utilize a pliable and conductive silver epoxy between the
base metal and nickel barrier layers of the termination
system which inhibits the transfer of board stress to the
rigid ceramic body, therefore mitigating flex cracks which
can result in low IR or short circuit failures.
Flexible termination technology provides superior
flex performance over standard termination systems.
C0G (NP0) dielectric capacitors exhibit no change in
capacitance with respect to time and voltage and boasts a
negligible change in capacitance with reference to ambient
temperature. Capacitance change is limited to ±30ppm/°C
from −55°C to +125°C. These devices exhibit low ESR at
high frequencies and find conventional use as snubbers
or filters in applications such as switching power supplies
and lighting ballasts.


Similar Part No. - C0603X393DGGALTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603X393DGGACAUTO KEMET-C0603X393DGGACAUTO Datasheet
1Mb / 20P
High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500 - 3,000 VDC (Automotive Grade)
More results

Similar Description - C0603X393DGGALTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1210X473KCRACTU KEMET-C1210X473KCRACTU Datasheet
1Mb / 17P
High Voltage with Flexible Termination System (HV FT-CAP) X7R Dielectric, 500VDC-3000VDC (Commercial Grade)
C1206X102KGRACTU KEMET-C1206X102KGRACTU Datasheet
715Kb / 20P
High Voltage with Flexible Termination System (HV FT-CAP) X7R Dielectric, 500 ??3,000 VDC (Commercial & Automotive Grade)
C1812X104KDRACTU KEMET-C1812X104KDRACTU Datasheet
2Mb / 21P
High Voltage with Flexible Termination System (HV FT-CAP) X7R Dielectric, 500 ??3,000 VDC (Commercial & Automotive Grade)
C1206X106K4RACTU KEMET-C1206X106K4RACTU Datasheet
1Mb / 24P
Flexible Termination System (FT-CAP), X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
C1206X563J3GACTU KEMET-C1206X563J3GACTU Datasheet
1Mb / 21P
Flexible Termination System (FT-CAP), C0G Dielectric, 10 - 250 VDC (Commercial & Automotive Grade)
C1206X563J3GACTU KEMET-C1206X563J3GACTU_17 Datasheet
1Mb / 20P
Flexible Termination System (FT-CAP), C0G Dielectric, 10 - 250 VDC (Commercial & Automotive Grade)
C1210X154KCRACTU KEMET-C1210X154KCRACTU Datasheet
1Mb / 22P
High Voltage with Flexible Termination System (HV FT-CAP) X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
C2225X393JCGACTU KEMET-C2225X393JCGACTU Datasheet
832Kb / 20P
High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500VDC - 3000VDC (Commercial & Automotive Grade)
C2225X393JCGACAUTO KEMET-C2225X393JCGACAUTO Datasheet
1Mb / 21P
High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500 - 3,000 VDC (Automotive Grade)
C2225X393JCGACAUTO KEMET-C2225X393JCGACAUTO_17 Datasheet
1Mb / 20P
High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500 - 3,000 VDC (Automotive Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com