Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C0603X393DGGALTU Datasheet(PDF) 22 Page - Kemet Corporation

Part # C0603X393DGGALTU
Description  High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500 – 10,000 VDC (Commercial Grade)
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0603X393DGGALTU Datasheet(HTML) 22 Page - Kemet Corporation

Back Button C0603X393DGGALTU Datasheet HTML 15Page - Kemet Corporation C0603X393DGGALTU Datasheet HTML 16Page - Kemet Corporation C0603X393DGGALTU Datasheet HTML 17Page - Kemet Corporation C0603X393DGGALTU Datasheet HTML 18Page - Kemet Corporation C0603X393DGGALTU Datasheet HTML 19Page - Kemet Corporation C0603X393DGGALTU Datasheet HTML 20Page - Kemet Corporation C0603X393DGGALTU Datasheet HTML 21Page - Kemet Corporation C0603X393DGGALTU Datasheet HTML 22Page - Kemet Corporation C0603X393DGGALTU Datasheet HTML 23Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
22
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
C1070_C0G_HV_FT-CAP_SMD • 2/28/2023
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500 – 10,000 VDC (Commercial Grade)
Application Guide
Solder Fluxes and Cleaning
The use of water-soluble fluxes provides advantages of excellent solderability due to high activation. However, these fluxes
contain organic acids that can induce arcing under high DC or AC voltages. Notable problem areas are underneath the MLCC
where flux can be trapped between the ceramic material and PCB. It is therefore critical that PCBs are properly cleaned to
remove all flux residue to maintain reliability.
Coating for High Voltage MLCCs
For MLCC ratings ≥1500V, it is recommended to apply a conformal coating to MLCC to prevent surface arcing. To reduce
possibility of inducing cracks in the MLCC, select a coating with thermal expansions close to that of the MLCC.
Dielectric
CTE (ppm/°C)
Class II BaTiO
3
10.7
Class I CaZrO
3
9.8
Slits in PCB
It is recommended to apply a slit in the PCB under the MLCC to improve washing of flux residue that may get trapped
underneath. In some cases, it is not possible to slit entirely through the PCB due to underlying metal planes. It is also
acceptable to apply a recessed slit under the MLCC which will also promote cleaning.
• Recommended for case sizes ≥1206
• The width (w) of the slit should be 1mm
• Length of the slit should be as short as possible to prevent damaging the MLCC due to mechanical stress of the PCB.
• Slits also reduce the risk of solder balls under MLCC which decreased the creepage distance.
Solder Resist
If a slit cannot be applied as above, it is recommended to not use solder resist directly under the MLCC. The use of solder
resist material reduces the distance between MLCC ceramic material and PCB thus making it difficult to clean.
Solder Balls
Improper reflow techniques and/or improper washing can induce solder balls under or adjacent to the MLCC. Solder balls
reduce the creepage distance between the MLCC terminations and increase the risk of arcing or damage to the ceramic
material. To reduce the risk of solder balls:
• Follow KEMET’s solder recommendations as outlined in the datasheet.
• If performing a cleaning procedure, properly clean the PCB per KEMET’s cleaning recommendations.
• Add slit to the PCB as shown above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com