Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRBA-06F2AX Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # VRBA-06F2AX
Description  NON-ISOLATED DC/DC CONVERTERS 2.4 V - 5.5 V Input 0.75 V - 3.63 V/6 A Output
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

VRBA-06F2AX Datasheet(HTML) 2 Page - Bel Fuse Inc.

  VRBA-06F2AX Datasheet HTML 1Page - Bel Fuse Inc. VRBA-06F2AX Datasheet HTML 2Page - Bel Fuse Inc. VRBA-06F2AX Datasheet HTML 3Page - Bel Fuse Inc. VRBA-06F2AX Datasheet HTML 4Page - Bel Fuse Inc. VRBA-06F2AX Datasheet HTML 5Page - Bel Fuse Inc. VRBA-06F2AX Datasheet HTML 6Page - Bel Fuse Inc. VRBA-06F2AX Datasheet HTML 7Page - Bel Fuse Inc. VRBA-06F2AX Datasheet HTML 8Page - Bel Fuse Inc. VRBA-06F2AX Datasheet HTML 9Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
2.4 V - 5.5 V Input
0.75 V - 3.63 V/6 A Output
Input Specifications
Parameter
Min
Typ
Max
Notes
Input Voltage
Vo≤ 1.5 V
Vo=1.8 V
2.5 V≤ Vo ≤3.3 V
2.4 V
3.0 V
4.5 V
-
-
-
5.5 V
5.5 V
5.5 V
Input Current (full load)
Vo=3.3V
Vo=2.5V
Vo=1.8V
Vo=1.5V
Vo=1.2V
Vo=0.75V
-
-
-
-
-
-
-
-
-
-
-
-
4.73 A
3.66 A
4.09 A
4.31 A
3.57 A
2.40 A
Input Current (no load)
Vo=3.3 V
Vo=0.75 V
-
-
50 mA
25 mA
-
-
Remote Off Input Current
-
0.6 mA
-
Input Reflected Ripple Current (pk-pk)
-
120 mA
-
Input Reflected Ripple Current (rms)
-
35 mA
-
Tested with simulated source impedance of 1
uH, 5 Hz to 20 MHz, one 1000 uF/25 V AL
capacitor and two 100 uF/ 10 V Tantalum
capacitor at the input.
I
2t Inrush Current Transient
-
-
0.04 A
2s
Turn-on Voltage Threshold
-
2.05 V
2.4 V
Turn-off Voltage Threshold
1.8 V
2.0 V
-
Output Specifications
Parameter
Min
Typ
Max
Notes
Output Voltage Set Point
-2% Vo,set
-
2% Vo,set
Vin=5 V, 50% full load
Output Voltage Set Point
-3% Vo,set
-
3% Vo,set
Over all operating input voltages, resistive
loads and temperature conditions
Adjustment Range Selected by
External Resistor or Voltage
0.7525 V
-
3.63 V
Load Regulation
-
0.4% Vo,set
-
Io=Iomin to 50%Iomax to 100%Iomax
Line Regulation
-
0.3% Vo,set
-
Vin=Vinmin to 50%Vinmax to 100%Vinmax
Regulation Over Temperature
(-40
°C to +85 °C)
-
0.4% Vo,set
-
Tref=Tamin to Tamax
Output Current
0 A
-
6 A
Current Limit Threshold
9 A
-
18 A
Short Circuit Surge Transient
-
0.32 A
2s
-
Ripple and Noise (pk-pk)
-
40 mV
70 mV
Ripple and Noise (rms)
-
10 mV
30 mV
Tested with 0-20 MHz, with 10 uF
Tantalum capacitor & 1 uF/10 V ceramic
capacitor at the output.
Turn on Time
-
6 mS
10 mS
Overshoot at Turn on
-
-
3%
Output Capacitance
Min ESR
≥ 1mohm
Max ESR
≥ 10mohm
0 uF
0 uF
-
-
1000 uF
3000 uF
Transient Response
50% ~ 100% Max Load
-
130 mV
-
Settling Time
-
25 uS
-
100% ~ 50% Max Load
-
130 mV
-
Settling Time
VO = 0.75 V -
3.63 V
-
25 uS
-
di/dt=2.5 A/uS; Vin=5 V; and with 10
uF Tantalum capacitor &
1
uF/10 V TDK ceramic capacitor at
the output
Note
: All specifications are typical at nominal input, full load at 25 °C unless otherwise stated.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com