Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRBA-06F2AX Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # VRBA-06F2AX
Description  NON-ISOLATED DC/DC CONVERTERS 2.4 V - 5.5 V Input 0.75 V - 3.63 V/6 A Output
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

VRBA-06F2AX Datasheet(HTML) 1 Page - Bel Fuse Inc.

  VRBA-06F2AX Datasheet HTML 1Page - Bel Fuse Inc. VRBA-06F2AX Datasheet HTML 2Page - Bel Fuse Inc. VRBA-06F2AX Datasheet HTML 3Page - Bel Fuse Inc. VRBA-06F2AX Datasheet HTML 4Page - Bel Fuse Inc. VRBA-06F2AX Datasheet HTML 5Page - Bel Fuse Inc. VRBA-06F2AX Datasheet HTML 6Page - Bel Fuse Inc. VRBA-06F2AX Datasheet HTML 7Page - Bel Fuse Inc. VRBA-06F2AX Datasheet HTML 8Page - Bel Fuse Inc. VRBA-06F2AX Datasheet HTML 9Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
2.4 V - 5.5 V Input
0.75 V - 3.63 V/6 A Output
•
Non-Isolated
•
Under-voltage Lockout (UVLO)
•
High Efficiency
•
Wide Trim
•
High Power Density
•
OCP/SCP
•
Fixed Frequency (300 kHz)
•
Remote On/Off
•
Flexible Output Voltage
Sequencing
•
Active Low/High (option)
•
Able to Sink & Source Current
Description
The Bel VRBA-06F2Ax modules are a series of non-isolated dc/dc converters that deliver up to 6A of output
current with full load efficiency of 93% at 3.3 V output. These modules provide precisely regulated voltage
programmable via external resistor from 0.75 V to 3.63 V over a wide range of input voltage (2.4 V-5.5 V).
These modules have a sequencing feature that enables designers to implement various types of output voltage
sequencing when powering multiple voltages on a board. The open-frame construction and small footprint
enable designers to develop cost and space-efficient solutions. Standard features include remote On/Off, over
current protection, short circuit protection, wide input, and programmable output voltage.
Part Selection
Output
Voltage
Input
Voltage
Max. Output
Current
Max. Output
Power
Typical
Efficiency
Model Number
Active Low
Model Number
Active High
0.75 V -3.63 V
1
2.4 V - 5.5 V
6 A
21.8 W
93%
VRBA-06F2AL
VRBA-06F2A0
Notes
: 1. These modules use a buck topology, so the output voltages must be 0.5 V less than the input voltage.
2. Add “G” suffix at the end of the model number to indicate Tray Packaging.
Absolute Maximum Ratings
Parameter
Min
Typ
Max
Notes
Input Voltage (continuous)
-0.3 V
-
5.8 V
Output Enable Terminal Voltage
-0.3 V
-
5.5 V
Sequencing Voltage
1
-0.3 V
-
Vin
Ambient Temperature
-40
°C
-
85
°C
Storage Temperature
-55
°C
-
125
°C
Notes
: All specifications are typical at 25
°C unless otherwise stated.
1. VRBA-06F2Ax series of modules include a sequencing feature that enables users to implement
various types of output voltage sequencing in their applications. This is accomplished via an additional
sequencing pin. When not used sequencing feature, tie the SEQ pin to Vin.
VRBA-06F2Ax Series
RoHS Compliant


Similar Part No. - VRBA-06F2AX

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
VRBA-06F2AX BEL-VRBA-06F2AX Datasheet
357Kb / 9P
NON-ISOLATED DC/DC CONVERTERS
VRBA-06F2AX BEL-VRBA-06F2AX_07 Datasheet
357Kb / 9P
NON-ISOLATED DC/DC CONVERTERS
More results

Similar Description - VRBA-06F2AX

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SRBA-06F1AX BEL-SRBA-06F1AX Datasheet
189Kb / 6P
NON-ISOLATED DC/DC CONVERTERS 2.4 V-5.5 V Input 0.75 V-3.63 V/6 A Output
SRBA-06F2AX BEL-SRBA-06F2AX Datasheet
174Kb / 6P
NON-ISOLATED DC/DC CONVERTERS 2.4 V-5.5 V Input 0.75 V-3.63 V/6 A Output
SRBC-16F1AX BEL-SRBC-16F1AX Datasheet
322Kb / 9P
NON-ISOLATED DC/DC CONVERTERS 2.4 V - 5.5 V Input 0.75 V - 3.63 V/16 A Output
SRBC-16F2AX BEL-SRBC-16F2AX Datasheet
209Kb / 7P
NON-ISOLATED DC/DC CONVERTERS 2.4 V-5.5 V Input 0.75 V-3.63 V/16 A Output
V7BA-06F2AX BEL-V7BA-06F2AX Datasheet
143Kb / 5P
NON-ISOLATED DC/DC CONVERTERS 2.4 V-5.5 V Input 0.75 V-3.63 V/6 A Output
VRBA-06F1AX BEL-VRBA-06F1AX Datasheet
182Kb / 6P
NON-ISOLATED DC/DC CONVERTERS 2.4 V-5.5 V Input 0.75 V-3.63 V/6 A Output
VRBC-10F2AX BEL-VRBC-10F2AX Datasheet
234Kb / 8P
NON-ISOLATED DC/DC CONVERTERS 2.4 V - 5.5 V Input 0.75 V - 3.63 V/10 A Output
VRBC-16F1AX BEL-VRBC-16F1AX Datasheet
187Kb / 6P
NON-ISOLATED DC/DC CONVERTERS 2.4 V - 5.5 V Input 0.75 V - 3.63 V/16A Output
VRBC-16F2AX BEL-VRBC-16F2AX Datasheet
173Kb / 6P
NON-ISOLATED DC/DC CONVERTERS 2.4 V-5.5 V Input 0.75 V-3.63 V/16 A Output
XRPB-06F1AX BEL-XRPB-06F1AX Datasheet
181Kb / 7P
NON-ISOLATED DC/DC CONVERTERS 3.0 V-5.5 V Input 0.75 V-3.63 V/6 A Output
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com