Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE7901IALK Datasheet(PDF) 13 Page - Texas Instruments

Part # AFE7901IALK
Description  AFE7901 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE7901IALK Datasheet(HTML) 13 Page - Texas Instruments

Back Button AFE7901IALK Datasheet HTML 9Page - Texas Instruments AFE7901IALK Datasheet HTML 10Page - Texas Instruments AFE7901IALK Datasheet HTML 11Page - Texas Instruments AFE7901IALK Datasheet HTML 12Page - Texas Instruments AFE7901IALK Datasheet HTML 13Page - Texas Instruments AFE7901IALK Datasheet HTML 14Page - Texas Instruments AFE7901IALK Datasheet HTML 15Page - Texas Instruments AFE7901IALK Datasheet HTML 16Page - Texas Instruments AFE7901IALK Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 160 page
background image
7.5 Transmitter Electrical Characteristics
Typical values at TA = +25°C, full temperature range is TA,MIN = -40°C to TJ,MAX = +110°C; TX Input Rate = 491.52MSPS,
fDAC = 11796.48MSPS below 6GHz and fDAC = 9000MSPS above 6GHz; PLL clock mode below 6GHz output frequency
and External clock mode above 6GHz output frequency; interleave mode for 1st Nyquist, non-interleave mix mode for 2nd
Nyquist, nominal power supplies; 1 tone at -1 dBFS; DSA Attenuation =0dB; TX clock dither enabled, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DACRES
DAC resolution
14
bits
fRFout
RF output frequency range
fDAC = 12 GSPS, 1st Nyquist
5
6000
MHz
fDAC = 9 GSPS, 1st Nyquist
5
4500
fDAC = 9 GSPS, 2nd Nyquist
4500
7400
fDAC = 6 GSPS, 1st Nyquist
5
3000
fDAC = 6 GSPS, 2nd Nyquist
3000
6000
Pmax_FS
Max Full Scale Output Power, max
gain 1 tone, at device pins
fout = 10 MHz, fDAC = 6GSPS,
-0.1dBFS
6.5
dBm
fout = 30 MHz, fDAC = 6GSPS,
-0.1dBFS
6.5
dBm
fout = 400 MHz, fDAC = 6GSPS,
-0.1dBFS
5.6
dBm
fout = 850 MHz, fDAC = 5898.24 MSPS,
-0.5dBFS
4.3
dBm
fout = 1800 MHz, fDAC = 5898.24
MSPS, -0.5dBFS
3.2
dBm
fout = 2600 MHz, fDAC = 8847.36
MSPS, -0.5dBFS
2.3
dBm
fout = 3500 MHz, -0.5dBFS
2.9
dBm
fout = 4900 MHz, -0.5dBFS
-0.6
dBm
fout = 3500 MHz, fDAC = 5898.24
MSPS, -0.5dBFS, straight mode
-2.3
dBm
fout = 4900 MHz, fDAC = 5898.24
MSPS, -0.5dBFS, straight mode
-3.4
dBm
fout = 4900 MHz, fDAC = 8847.36
MSPS, -0.5dBFS, straight mode
-3.9
dBm
RTERM
Output termination resistor
Default setting
100
Ω
ATTrange
DSA Attenuation range
40
dB
ATTstep
DSA Analog Attenuation step
1.0
dB
DSA Attenuation step accuracy (DNL)
(2)
0 < Atten < 40dB, after calibration
±0.1
dB
0 < Atten < 40dB, before calibration
±0.2
ATTstep
DSA Gain Steps Phase accuracy, any
8dB range(2)
fout = 30MHz
±1
deg
fout = 400MHz
±1
deg
fout = 850MHz
±1
deg
fout = 1800MHz
±1
deg
fout =2600MHz
±1
deg
fout = 3500MHz
±1
fout = 4900MHz
±1
deg
Gflat
Gain flatness
any 20MHz
0.1
dB
600MHz BW, Fout < 4.9G
1.2
www.ti.com
AFE7901
SBASAO5 – APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: AFE7901



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com